Electronic Components Datasheet Search
  English  ▼

X  

AD8599 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8599
Description  Ultraprecision, 36 V, 2.8 nV/√Hz Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599 Datasheet(HTML) 1 Page - Analog Devices

  AD8599 Datasheet HTML 1Page - Analog Devices AD8599 Datasheet HTML 2Page - Analog Devices AD8599 Datasheet HTML 3Page - Analog Devices AD8599 Datasheet HTML 4Page - Analog Devices AD8599 Datasheet HTML 5Page - Analog Devices AD8599 Datasheet HTML 6Page - Analog Devices AD8599 Datasheet HTML 7Page - Analog Devices AD8599 Datasheet HTML 8Page - Analog Devices AD8599 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ultraprecision, 36 V, 2.8 nV/√Hz
Dual Rail-to-Rail Output Op Amp
Data Sheet
AD8676
Rev.
C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 ©
2006–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Very low voltage noise 2.8 nV/√Hz @ 1 kHz
Rail-to-rail output swing
Low input bias current: 2 nA maximum
Very low offset voltage: 12 μV typical
Low input offset drift: 0.6 μV/°C maximum
Very high gain: 120 dB
Wide bandwidth: 10 MHz typical
±5 V to ±18 V operation
APPLICATIONS
Precision instrumentation
PLL filters
Laser diode control loops
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
PIN CONFIGURATIONS
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8676
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC_N (R-8)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8676
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP (RM-8)
GENERAL DESCRIPTION
The AD8676 precision operational amplifier offers ultralow
offset, drift, and voltage noise combined with very low input
bias currents over the full operating temperature range. The
AD8676 is a precision, wide bandwidth op amp featuring rail-
to-rail output swings and very low noise. Operation is fully
specified from ±5 V to ±15 V.
The AD8676 features a rail-to-rail output like that of the OP184,
but with wide bandwidth and even lower voltage noise, com-
bined with the precision and low power consumption like that
of the industry-standard OP07 amplifier. Unlike other low
noise, rail-to-rail op amps, the AD8676 has very low input bias
current and low input current noise.
With typical offset voltage of only 12 μV, offset drift of 0.2 μV/°C,
and noise of only 0.10 μV p-p (0.1 Hz to 10 Hz), the AD8676 is
perfectly suited for applications where large error sources
cannot be tolerated. Precision instrumentation, PLL and other
precision filter circuits, position and pressure sensors, medical
instrumentation, and strain gage amplifiers benefit greatly from
the very low noise, low input bias current, and wide bandwidth.
Many systems can take advantage of the low noise, dc precision,
and rail-to-rail output swing provided by the AD8676 to maxi-
mize SNR and dynamic range.
The smaller packages and low power consumption afforded by
the AD8676 allow maximum channel density or minimum
board size for space-critical equipment.
The AD8676 is specified for the extended industrial temperature
range (−40°C to +125°C). The AD8676 is available in the 8-lead
MSOP, and the popular 8-lead, narrow SOIC; both of which are
lead-free packages. MSOP packaged devices are only available
in tape and reel format.
For the single version of this ultraprecision, rail-to-rail op amp,
see the AD8675 data sheet.
The AD8675 and AD8676 are members of a growing series of
low noise op amps offered by Analog Devices, Inc.
Table 1. Voltage Noise
Package
0.9 nV
1.1 nV
1.8 nV
2.8 nV
3.8 nV
Single
AD797
AD8597
ADA4004-1
AD8675
AD8671
Dual
AD8599
ADA4004-2
AD8676
AD8672
Quad
ADA4004-4
AD8674


Similar Part No. - AD8599

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD8599 AD-AD8599 Datasheet
546Kb / 20P
Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD8599 AD-AD8599 Datasheet
804Kb / 24P
30 V, Low Noise, Rail-to-Rail
REV. A
AD8599 AD-AD8599 Datasheet
1Mb / 24P
Ultralow Noise Amplifier at Lower Power
REV. B
AD8599 AD-AD8599 Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
More results

Similar Description - AD8599

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6011 LINER-LT6011 Datasheet
265Kb / 16P
Dual/Quad135uA, 14nV/Hz, Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8676 AD-AD8676 Datasheet
492Kb / 12P
Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
10/06-Revision 0
AD8675 AD-AD8675 Datasheet
296Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
10/05-Revision 0
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8676 AD-AD8676_11 Datasheet
343Kb / 12P
Ultraprecision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
REV. C
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
AD8675 AD-AD8675_16 Datasheet
378Kb / 13P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com