Electronic Components Datasheet Search
  English  ▼

X  

AD8682 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8682
Description  Dual/Quad Low Power, High Speed JFET Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8682 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8682 Datasheet HTML 7Page - Analog Devices AD8682 Datasheet HTML 8Page - Analog Devices AD8682 Datasheet HTML 9Page - Analog Devices AD8682 Datasheet HTML 10Page - Analog Devices AD8682 Datasheet HTML 11Page - Analog Devices AD8682 Datasheet HTML 12Page - Analog Devices AD8682 Datasheet HTML 13Page - Analog Devices AD8682 Datasheet HTML 14Page - Analog Devices AD8682 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8682/AD8684
Rev. B | Page 11 of 16
PROGRAMMABLE STATE VARIABLE FILTER
The circuit shown in Figure 35 can be used to accurately program
the Q factor; the cutoff frequency (fC); and the gain of a two-
pole state variable filter. The AD8684 has been used in this
design because of its high bandwidth, low power, and low noise.
This circuit takes only three packages to build because of the
quad configuration of the op amps and DACs.
The DACs shown are used in voltage mode; therefore, many
values are dependent on the accuracy of the DAC only and not
on the absolute values of the DAC resistive ladders. As a result, this
makes the circuit unusually accurate for a programmable filter.
Adjusting DAC 1 changes the signal amplitude across R1; therefore,
the DAC attenuation × R1 determines the amount of signal current
that charges the integrating capacitor, C1.
This cutoff frequency can be expressed as
⎟
⎠
⎞
⎜
⎝
⎛
=
256
2π
1
D1
R1C1
f
C
where D1 is the digital code for the DAC.
DAC 3 is used to set the gain. The gain equation is
⎟
⎠
⎞
⎜
⎝
⎛
=
256
D3
R5
R4
Gain
DAC 2 is used to set the Q of the circuit. Adjusting this DAC
controls the amount of feedback from the band-pass node to
the input summing node. Note that the digital value of the
DAC is in the numerator; therefore, zero code is not a valid
operating point.
⎟
⎠
⎞
⎜
⎝
⎛
=
D2
R3
R2
Q
256
1/4
AD8684
1/4
DAC8408
R5
2kΩ
R4
2kΩ
1/4
AD8684
1/4
AD8684
1/4
DAC8408
R1
2kΩ
C1
1000pF
1/4
AD8684
1/4
AD8684
1/4
DAC8408
R1
2kΩ
C1
1000pF
1/4
AD8684
1/4
DAC8408
R2
2kΩ
R3
2kΩ
1/4
AD8684
1/4
AD8684
R6
2kΩ
HIGH PASS
BAND PASS
LOW
PASS
VIN
R7
2kΩ
DAC 3
DAC 1
DAC 4
DAC 2
Figure 35. Programmable State Variable Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com