Electronic Components Datasheet Search
  English  ▼

X  

AD8692 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8692
Description  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8692 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8692 Datasheet HTML 6Page - Analog Devices AD8692 Datasheet HTML 7Page - Analog Devices AD8692 Datasheet HTML 8Page - Analog Devices AD8692 Datasheet HTML 9Page - Analog Devices AD8692 Datasheet HTML 10Page - Analog Devices AD8692 Datasheet HTML 11Page - Analog Devices AD8692 Datasheet HTML 12Page - Analog Devices AD8692 Datasheet HTML 13Page - Analog Devices AD8692 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8691/AD8692/AD8694
Data Sheet
Rev. F | Page 10 of 16
VS = +2.7 V or ±1.35 V, unless otherwise noted.
VOS (mV)
0
200
400
600
800
1000
1200
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VS = 2.7V
VCM = –0.3V TO +1.6V
Figure 27. Input Offset Voltage Distribution
COMMON-MODE VOLTAGE (V)
–2000
–1600
–1200
–800
–400
400
800
1200
1600
2000
–0.3
0
0.3
0.6
0.9
1.2
1.5 1.6
0
VS = 2.7V
TA = 25°C
Figure 28. Input Offset Voltage vs. Common-Mode Voltage
0.1
1
10
100
1k
10k
0.001
0.01
0.1
1
10
LOAD CURRENT (mA)
AD8691_92 SOURCE
AD8694 SOURCE
AD8694 SINK
AD8691_92 SINK
VS = 2.7V
Figure 29. Output Voltage to Supply Rail vs. Load Current
0
10
20
30
40
50
60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VS = 2.7V
AD8691_92 (V OL)
AD8694 (VDD – VOH)
AD8694 (VOL)
AD8691_92 (V DD – VOH)
Figure 30. Output Voltage Swing vs. Temperature (IL = 1 mA)
TIME (400ns/DIV)
VS = 2.7V
CL = 200pF
RL =
∞
AV = 1
Figure 31. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com