Electronic Components Datasheet Search
  English  ▼

X  

OP295GP Datasheet(PDF) 1 Page - Analog Devices

Part # OP295GP
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295GP Datasheet(HTML) 1 Page - Analog Devices

  OP295GP Datasheet HTML 1Page - Analog Devices OP295GP Datasheet HTML 2Page - Analog Devices OP295GP Datasheet HTML 3Page - Analog Devices OP295GP Datasheet HTML 4Page - Analog Devices OP295GP Datasheet HTML 5Page - Analog Devices OP295GP Datasheet HTML 6Page - Analog Devices OP295GP Datasheet HTML 7Page - Analog Devices OP295GP Datasheet HTML 8Page - Analog Devices OP295GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual/Quad Rail-to-Rail
Operational Amplifiers
OP295/OP495
Rev. G
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Rail-to-rail output swing
Single-supply operation: 3 V to 36 V
Low offset voltage: 300 μV
Gain bandwidth product: 75 kHz
High open-loop gain: 1000 V/mV
Unity-gain stable
Low supply current/per amplifier: 150 μA maximum
APPLICATIONS
Battery-operated instrumentation
Servo amplifiers
Actuator drives
Sensor conditioners
Power supply control
GENERAL DESCRIPTION
Rail-to-rail output swing combined with dc accuracy are the
key features of the OP495 quad and OP295 dual CBCMOS
operational amplifiers. By using a bipolar front end, lower noise
and higher accuracy than those of CMOS designs have been
achieved. Both input and output ranges include the negative
supply, providing the user with zero-in/zero-out capability. For
users of 3.3 V systems such as lithium batteries, the OP295/OP495
are specified for 3 V operation.
Maximum offset voltage is specified at 300 μV for 5 V operation,
and the open-loop gain is a minimum of 1000 V/mV. This yields
performance that can be used to implement high accuracy systems,
even in single-supply designs.
The ability to swing rail-to-rail and supply 15 mA to the load
makes the OP295/OP495 ideal drivers for power transistors and
H bridges. This allows designs to achieve higher efficiencies and
to transfer more power to the load than previously possible
without the use of discrete components.
For applications such as transformers that require driving
inductive loads, increases in efficiency are also possible.
Stability while driving capacitive loads is another benefit of this
design over CMOS rail-to-rail amplifiers. This is useful for
driving coax cable or large FET transistors. The OP295/OP495
are stable with loads in excess of 300 pF.
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP295
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead Narrow-Body SOIC_N
S Suffix (R-8)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
OP295
Figure 2. 8-Lead PDIP
P Suffix (N-8)
OUT A
1
–IN A
2
+IN A
3
V+
4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B
5
–IN B
6
OUT B
7
+IN C
10
–IN C
9
OUT C
8
OP495
Figure 3. 14-Lead PDIP
P Suffix (N-14)
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
16
–IN D
15
+IN D
14
V–
13
+IN B 5
+IN C
12
–IN B 6
–IN C
11
OUT B 7
OUT C
10
NC 8
NC
9
NC = NO CONNECT
OP495
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead SOIC_W
S Suffix (RW-16)
The OP295 and OP495 are specified over the extended indus-
trial (−40°C to +125°C) temperature range. The OP295 is
available in 8-lead PDIP and 8-lead SOIC_N surface-mount
packages. The OP495 is available in 14-lead PDIP and 16-lead
SOIC_W surface-mount packages.


Similar Part No. - OP295GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295GP AD-OP295GP Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
OP295GP AD-OP295GP Datasheet
399Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
OP295GPZ AD-OP295GPZ Datasheet
399Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
More results

Similar Description - OP295GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV.B
OP295 AD-OP295_06 Datasheet
399Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. E
logo
ON Semiconductor
LMV321 ONSEMI-LMV321 Datasheet
250Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
August, 2009 ??Rev. 8
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
logo
Global Mixed-mode Techn...
G1563 GMT-G1563 Datasheet
651Kb / 1P
Dual Rail-to-Rail Operational Amplifiers
logo
Analog Devices
OP295 AD-OP295_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
OP495 AD-OP495_15 Datasheet
376Kb / 16P
Dual/Quad Rail-to-Rail Operational Amplifiers
Rev. G
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_15 Datasheet
189Kb / 20P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
February, 2015 ??Rev. 12
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
High Performance Rail-to-Rail Quad Operational Amplifiers
logo
ON Semiconductor
LMV321 ONSEMI-LMV321_V01 Datasheet
608Kb / 22P
Single, Dual, Quad Low-Voltage, Rail-to-Rail Operational Amplifiers
January, 2021 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com