Electronic Components Datasheet Search
  English  ▼

X  

OP295GS Datasheet(PDF) 10 Page - Analog Devices

Part # OP295GS
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295GS Datasheet(HTML) 10 Page - Analog Devices

Back Button OP295GS Datasheet HTML 6Page - Analog Devices OP295GS Datasheet HTML 7Page - Analog Devices OP295GS Datasheet HTML 8Page - Analog Devices OP295GS Datasheet HTML 9Page - Analog Devices OP295GS Datasheet HTML 10Page - Analog Devices OP295GS Datasheet HTML 11Page - Analog Devices OP295GS Datasheet HTML 12Page - Analog Devices OP295GS Datasheet HTML 13Page - Analog Devices OP295GS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP295/OP495
Rev. G | Page 10 of 16
Finally, the potentiometer, R8, is needed to adjust the offset
voltage to null it to zero. Similar performance can be obtained
using an OP90 as the output amplifier with a savings of about
185 μA of supply current. However, the output swing does not
include the positive rail, and the bandwidth reduces to approxi-
mately 250 Hz.
Table 6. Single-Supply Low Noise Preamp Performance
IC = 1.85 mA
IC = 0.5 mA
R1
270 Ω
1.0 kΩ
R3, R4
200 Ω
910 Ω
en @ 100 Hz
3.15 nV/√Hz
8.6 nV/√Hz
en @ 10 Hz
4.2 nV/√Hz
10.2 nV/√Hz
ISY
4.0 mA
1.3 mA
IB
11 μA
3 μA
Bandwidth
1 kHz
1 kHz
Closed-Loop Gain
1000
1000
DRIVING HEAVY LOADS
The OP295/OP495 are well suited to drive loads by using a
power transistor, Darlington, or FET to increase the current to
the load. The ability to swing to either rail can assure that the
device is turned on hard. This results in more power to the load
and an increase in efficiency over using standard op amps with
their limited output swing. Driving power FETs is also possible
with the OP295/OP495 because of their ability to drive capaci-
tive loads of several hundred picofarads without oscillating.
Without the addition of external transistors, the OP295/OP495
can drive loads in excess of ±15 mA with ±15 V or +30 V
supplies. This drive capability is somewhat decreased at lower
supply voltages. At ±5 V supplies, the drive current is ±11 mA.
Driving motors or actuators in two directions in a single-supply
application is often accomplished using an H bridge. The
principle is demonstrated in Figure 21. From a single 5 V
supply, this driver is capable of driving loads from 0.8 V to
4.2 V in both directions. Figure 22 shows the voltages at the
inverting and noninverting outputs of the driver. There is a
small crossover glitch that is frequency-dependent; it does not
cause problems unless used in low distortion applications, such
as audio. If this is used to drive inductive loads, diode clamps
should be added to protect the bridge from inductive kickback.
10kΩ
1.67V
2N2222
2N2222
OUTPUTS
2N2907
2N2907
5V
10kΩ
10kΩ
0 ≤ VIN ≤ 2.5V 5kΩ
–
+
–
+
Figure 21. H Bridge
10
90
100
0%
2V
2V
1ms
Figure 22. H Bridge Outputs
DIRECT ACCESS ARRANGEMENT
The OP295/OP495 can be used in a single-supply direct access
arrangement (DAA), as shown in Figure 23. This figure shows
a portion of a typical DM capable of operating from a single 5 V
supply, and it may also work on 3 V supplies with minor modi-
fications. Amplifier A2 and Amplifier A3 are configured so that
the transmit signal, TxA, is inverted by A2 and is not inverted
by A3. This arrangement drives the transformer differentially so
the drive to the transformer is effectively doubled over a single
amplifier arrangement. This application takes advantage of the
ability of the OP295/OP495 to drive capacitive loads and to save
power in single-supply applications.
–
+
2.5V REF
A3
750pF
A1
37.4kΩ
390pF
RxA
TxA
A2
3.3kΩ
20kΩ
475Ω
22.1kΩ
20kΩ
20kΩ
20kΩ
20kΩ
0.033µF
1:1
–
+
0.0047µF
OP295/
OP495
OP295/
OP495
OP295/
OP495
0.1µF
0.1µF
Figure 23. Direct Access Arrangement
SINGLE-SUPPLY INSTRUMENTATION AMPLIFIER
The OP295/OP495 can be configured as a single-supply
instrumentation amplifier, as shown in Figure 24. For this
example, VREF is set equal to V+/2, and VO is measured with
respect to VREF. The input common-mode voltage range
includes ground, and the output swings to both rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com