Electronic Components Datasheet Search
  English  ▼

X  

OP295GSZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP295GSZ
Description  Dual/Quad Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP295GSZ Datasheet(HTML) 5 Page - Analog Devices

  OP295GSZ Datasheet HTML 1Page - Analog Devices OP295GSZ Datasheet HTML 2Page - Analog Devices OP295GSZ Datasheet HTML 3Page - Analog Devices OP295GSZ Datasheet HTML 4Page - Analog Devices OP295GSZ Datasheet HTML 5Page - Analog Devices OP295GSZ Datasheet HTML 6Page - Analog Devices OP295GSZ Datasheet HTML 7Page - Analog Devices OP295GSZ Datasheet HTML 8Page - Analog Devices OP295GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP295/OP495
Rev. G | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 4.
Parameter1
Rating
Supply Voltage
±18 V
Input Voltage
±18 V
Differential Input Voltage2
36 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
P, S Packages
−65°C to +150°C
Operating Temperature Range
OP295G, OP495G
–40°C to +125°C
Junction Temperature Range
P, S Packages
–65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
θJA is specified for worst case mounting conditions; that is, θJA
is specified for device in socket for PDIP; θJA is specified for
device soldered to printed circuit board for SOIC package.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead PDIP (N-8)
103
43
°C/W
8-Lead SOIC_N (R-8)
158
43
°C/W
14-Lead PDIP (N-14)
83
39
°C/W
16-Lead SOIC_W (RW-16)
98
30
°C/W
ESD CAUTION
1 Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2 For supply voltages less than ±18 V, the absolute maximum input voltage is
equal to the supply voltage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com