Electronic Components Datasheet Search
  English  ▼

X  

OP27GSZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP27GSZ
Description  Low Noise, Precision Operational Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27GSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP27GSZ Datasheet HTML 6Page - Analog Devices OP27GSZ Datasheet HTML 7Page - Analog Devices OP27GSZ Datasheet HTML 8Page - Analog Devices OP27GSZ Datasheet HTML 9Page - Analog Devices OP27GSZ Datasheet HTML 10Page - Analog Devices OP27GSZ Datasheet HTML 11Page - Analog Devices OP27GSZ Datasheet HTML 12Page - Analog Devices OP27GSZ Datasheet HTML 13Page - Analog Devices OP27GSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
OP27
Data Sheet
Rev. H | Page 10 of 21
30
0
–20
100
TIME (Sec)
25
20
15
10
5
0
20
40
60
80
THERMAL
SHOCK
RESPONSE
BAND
DEVICE IMMERSED
IN 70 C OIL BATH
TA =
25 C
TA = 70 C
VS = 15V
Figure 16. Offset Voltage Change Due to Thermal Shock
0
150
TEMPERATURE ( C)
40
20
30
50
10
–50
–25
0
25
50
75
100
125
VS = 15V
OP27C
OP27A
Figure 17. Input Bias Current vs. Temperature
0
125
TEMPERATURE ( C)
40
20
30
50
10
–50
–25
–75
0
25
50
75
100
OP27C
OP27A
VS = 15V
Figure 18. Input Offset Current vs. Temperature
–10
100M
FREQUENCY (Hz)
130
10
100
1
1k
10k
100k
1M
10M
110
90
70
50
30
10
Figure 19. Open-Loop Gain vs. Frequency
125
TEMPERATURE ( C)
–50
–25
–75
0
25
50
75
100
VS = 15V
70
60
50
4
3
2
10
9
8
7
6
SLEW
GBW
M
Figure 20. Slew Rate, Gain Bandwidth Product, Phase Margin vs.
Temperature
100M
FREQUENCY (Hz)
1M
–10
25
80
220
20
15
10
5
0
–5
100
120
140
160
180
200
10M
TA = 25 C
VS = 15V
GAIN
PHASE
MARGIN
= 70
Figure 21. Gain, Phase Shift vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com