Electronic Components Datasheet Search
  English  ▼

X  

DDG-GJS-L2 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDG-GJS-L2
Description  LED GaP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDG-GJS-L2 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDG-GJS-L2 Datasheet HTML 1Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 2Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 3Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 4Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 5Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 6Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 7Page - DOMINANT Semiconductors DDG-GJS-L2 Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DOMINANT Semiconductors
30/04/04
DomiLED Gap DDx-GJS -I1 Catalogue-v3.doc
Page 1 of 1
• Low current surface mount LED.
• 120° viewing angle.
• Small package outline (LxWxH) of 3.2 x 2.8 x 1.8 mm.
• Qualified according to JEDEC moisture sensitivity Level 2.
• Compatible to both IR reflow soldering and TTW soldering.
DomiLED – GaP : DDx-GJS-I1


Similar Part No. - DDG-GJS-L2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDG-GJS-L2 DOMINANT-DDG-GJS-L2 Datasheet
784Kb / 13P
LED GaP
More results

Similar Description - DDG-GJS-L2

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
160130 OSA-160130 Datasheet
47Kb / 1P
GaP / GaP LED Chips
160210 OSA-160210 Datasheet
53Kb / 1P
GaP / GaP LED Chips
160220 OSA-160220 Datasheet
53Kb / 1P
GaP / GaP LED Chips
160230 OSA-160230 Datasheet
54Kb / 1P
GaP / GaP LED Chips
160240 OSA-160240 Datasheet
53Kb / 1P
GaP / GaP LED Chips
160260 OSA-160260 Datasheet
53Kb / 1P
GaP / GaP LED Chips
160622 OSA-160622 Datasheet
53Kb / 1P
GaP / GaP LED Chips
161210 OSA-161210 Datasheet
53Kb / 1P
GaP / GaP LED Chips
162220 OSA-162220 Datasheet
54Kb / 1P
GaP / GaP LED Chips
163230 OSA-163230 Datasheet
54Kb / 1P
GaP / GaP LED Chips
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com