Electronic Components Datasheet Search
  English  ▼

X  

0446002 Datasheet(PDF) 1 Page - Littelfuse

Part # 0446002
Description  350 Volt Surface Mount Fuse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0446002 Datasheet(HTML) 1 Page - Littelfuse

  0446002 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
389
Surface Mount Fuses
www .littelfuse .com
10
350 Volt Surface Mount Fuse
EBF Fuse Fast-Acting Type 446P/447P Series
• RoHS compliant and 100 % lead-free
• Ideal for use in electronic lighting ballast, power supply and power
inverter applications.
• Rated for use in 125, 250, 277 and 350 VAC circuits.
• Based on the proven reliability of the automotive MINI® Fuse; available
from 2 through 10 amperes.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours,
Minimum
200%
0.15 sec. Min., 5 Sec. Max
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and CSA Certified. Approved by
METI to 5 amperes.
AGENCY FILE NUMBERS: UL: E71611, CSA LR 29862.
INTERRUPTING RATINGS: 100 amperes at 350 VAC, 50 amperes
at 125 VDC and 450 amperes at 60VDC
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: –40°C to +125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Plastic Body – Terminations: Tin-plated Zn, Ni barrier
Soldering Parameters:
Reflow Solder — 235°C, 5 seconds maximum.
No-clean process recommended.
Wave Solder — Not recommended.
Non-plated terminal surfaces may not meet
MIL-STD-202, Method 208.
PACKAGING SPECIFICATIONS:
24mm Tape and Reel per EIA-RS481
(Equivalent to IEC 286, part 3); 800 fuses per reel,
add packaging suffix, ZR.
Shelf Life: Up to 1 year in Factory sealed packaging.
ORDERING INFORMATION:
•
Through-hole version of the 446P series.
ELECTRICAL CHARACTERISTICS: Same as 446P Series.
Dimensions: Contact Littelfuse for specifications.
Soldering Parameters: Contact Littelfuse for soldering parameters.
Inside terminal face of each lead is non-plated zinc. Non-plated zinc
terminal faces may not meet MIL-STD-202, method 208. To ensure that
the fuse is acceptable for the application, appropriate application testing
should be performed.
Packaging Specifications: Bulk Pack (4,000 pieces per pack)
PAT
LF
350V
10.92
(.430")
8.76
(.345")
(.032")
0.81
(.295")
7.49
1.50 (.059") MAX
3.2 (.126")
0.81
(.032")
3.2
(.126")
5.59
(.220")
3.81
(.150")
1.52
(.060")
1.44
(.057")
5.91
(.233")
8.81
(.347")
4.03
(.159")
1.27
(.050") Dia
10.11
(.398")
Reference Dimensions
(Inches):
Recommended
Pad Layout:
447P Mounting
Holes:
1000
100
10
1
0.1
0.01
1000
100
10
1
0.1
CURRENT IN AMPERES
Average Time Current Curves
®
®
Ampere
Voltage
Nominal
Nominal
Catalog
Rating
Rating
Cold
Melting I2t
Number
(A)
(VAC)
Resistance(
Ω)(A2sec)
0446 002.
2
350
0.0560
2.8
0446 003.
3
350
0.0340
9.4
0446 004.
4
350
0.0240
17
0446 005.
5
350
0.0180
25
0446 07.5
7.5
350
0.0110
68
0446 010.
10
350
0.0073
93
EBF Fuse Fast-Acting Type 447 Series
®
®
RoHS
Pb
RoHS
Pb
CH10 Surface Mount_VI
7/20/06
6:35 AM
Page 389


Similar Part No. - 0446002

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0446002. LITTELFUSE-0446002. Datasheet
80Kb / 1P
EBF Fuse Fast-Acting Type 446/447 Series
More results

Similar Description - 0446002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0001.2704.11 SCHURTER-0001.2704.11 Datasheet
458Kb / 3P
Surface Mount Fuse
0001.2706.11 SCHURTER-0001.2706.11 Datasheet
457Kb / 3P
Surface Mount Fuse
logo
NIC-Components Corp.
NFCC-NFHC NIC-NFCC-NFHC Datasheet
102Kb / 5P
Surface Mount Fuse
NFSC NIC-NFSC Datasheet
95Kb / 3P
Surface Mount Fuse
NFVC NIC-NFVC Datasheet
102Kb / 4P
Surface Mount Fuse
NFVC-H NIC-NFVC-H Datasheet
102Kb / 4P
Surface Mount Fuse
logo
List of Unclassifed Man...
CT06V5TR20 ETC-CT06V5TR20 Datasheet
356Kb / 6P
Surface Mount Fuse
logo
ON Semiconductor
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
Volt Electronic Fuse
June, 2015 ??Rev. 0
logo
NIC-Components Corp.
NFCC_NFHC NIC-NFCC_NFHC Datasheet
96Kb / 5P
Surface Mount Fuse
NFVC-S NIC-NFVC-S Datasheet
225Kb / 4P
Surface Mount Fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com