Electronic Components Datasheet Search
  English  ▼

X  

1245083 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1245083
Description  CA-1RS1N8AT006X - Cable connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1245083 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1245083 Datasheet HTML 1Page - PHOENIX CONTACT 1245083 Datasheet HTML 2Page - PHOENIX CONTACT 1245083 Datasheet HTML 3Page - PHOENIX CONTACT 1245083 Datasheet HTML 4Page - PHOENIX CONTACT 1245083 Datasheet HTML 5Page - PHOENIX CONTACT 1245083 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Housing
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-
Zn)
Type of locking
Screw locking mechanism
Pg screw connection
none
Degree of protection (plugged in)
IP67
Thread type
M23
Seal
External cable diameter
4 mm ... 6 mm
Seal material
NBR
Environmental and real-life conditions
Ambient conditions
Ambient temperature (storage/transport)
15 °C ... 25 °C
Permissible humidity (storage/transport)
50 % ... 65 %
CA-1RS1N8AT006X - Cable connector
1245083
https://www.phoenixcontact.com/us/products/1245083
Aug 26, 2024, 4:18 AM
Page 3 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com