Electronic Components Datasheet Search
  English  ▼

X  

LW540AS Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # LW540AS
Description  WHITE LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LW540AS Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button LW540AS Datasheet HTML 3Page - Seoul Semiconductor LW540AS Datasheet HTML 4Page - Seoul Semiconductor LW540AS Datasheet HTML 5Page - Seoul Semiconductor LW540AS Datasheet HTML 6Page - Seoul Semiconductor LW540AS Datasheet HTML 7Page - Seoul Semiconductor LW540AS Datasheet HTML 8Page - Seoul Semiconductor LW540AS Datasheet HTML 9Page - Seoul Semiconductor LW540AS Datasheet HTML 10Page - Seoul Semiconductor LW540AS Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
-7-
WHITE LAMP LED
LW540AS
<070611> Rev. 0.0
서식번호 : QP-7-03-05 (Rev.00)
Color Ranks
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
15000K
9000K
5600K
c
d
b
a
CIE(x)
4600K
Pla
nk
ian
lin
e
Note : Color Coordinates Measurement allowance is ± 0.01
0.305
0.276
0.248
0.267
y
0.283
0.296
0.280
0.264
x
Rank a
0.360
0.339
0.295
0.305
y
0.330
0.330
0.287
0.283
x
Rank b
0.339
0.318
0.276
0.295
y
0.330
0.330
0.296
0.287
x
Rank c
0.385
0.351
0.318
0.360
y
0.361
0.356
0.330
0.330
x
Rank d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com