Electronic Components Datasheet Search
  English  ▼

X  

E5CN-RMT-500 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # E5CN-RMT-500
Description  Digital Temperature Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RMT-500 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button E5CN-RMT-500 Datasheet HTML 16Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 17Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 18Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 19Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 20Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 21Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 22Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 23Page - Omron Electronics LLC E5CN-RMT-500 Datasheet HTML 24Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Digital Temperature Controllers
E5CN/E5CN-U
23
Wiring Precautions
• Separate input leads and power lines to protect the Controller and
its lines from external noise.
• Use wires of a thickness of AWG24 (0.205 mm2) to AWG14
(2.081 mm2).
The exposed current-carrying part to be inserted into terminals
must be 5 to 6 mm.
• We recommend using crimp terminals when wiring the terminals.
• Tighten terminal screws to a torque of 0.74 to 0.90 N·m.
• Use the following type of crimp terminals for M3.5 screws.
7.2 mm min.
7.2 mm min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com