Electronic Components Datasheet Search
  English  ▼

X  

M24M02E-F Datasheet(PDF) 31 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 27Page - STMicroelectronics M24M02E-F Datasheet HTML 28Page - STMicroelectronics M24M02E-F Datasheet HTML 29Page - STMicroelectronics M24M02E-F Datasheet HTML 30Page - STMicroelectronics M24M02E-F Datasheet HTML 31Page - STMicroelectronics M24M02E-F Datasheet HTML 32Page - STMicroelectronics M24M02E-F Datasheet HTML 33Page - STMicroelectronics M24M02E-F Datasheet HTML 34Page - STMicroelectronics M24M02E-F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
8
Maximum ratings
Stressing the device outside the ratings listed in Table 12 may permanently damage it. These are stress ratings
only, and operation of the device at these, or any other conditions outside those indicated in the operating
sections of this specification, is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
Table 12. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
-
Ambient operating temperature
-40
130
°C
TSTG
Storage temperature
-65
150
°C
TLEAD
Lead temperature during soldering
see note (1)
°C
IOL
DC output current (SDA = 0)
-
5
mA
VIO
Input or output range
-0.50
6.5
V
VCC
Supply voltage
-0.50
6.5
V
VESD
Electrostatic pulse (human body model)(2)
-
4000
V
1. Compliant with JEDEC Std J-STD-020 (for small body, Sn-Pb or Pb-free assembly), the ST ECOPACK 7191395
specification, and the European directive on restrictions of hazardous substances (RoHS directive 2011/65/EU of July 2011).
2. Positive and negative pulses applied on different combinations of pin connections, according to ANSI/ESDA/JEDEC JS-001
(C1=100 pF, R1=1500 Ω, R2 = 500 Ω).
M24M02E-F
Maximum ratings
DS14157 - Rev 2
page 31/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com