Electronic Components Datasheet Search
  English  ▼

X  

DN63 Datasheet(PDF) 18 Page - VAT Group AG

Part # DN63
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

DN63 Datasheet(HTML) 18 Page - VAT Group AG

Back Button DN63 Datasheet HTML 11Page - VAT Group AG DN63 Datasheet HTML 12Page - VAT Group AG DN63 Datasheet HTML 13Page - VAT Group AG DN63 Datasheet HTML 14Page - VAT Group AG DN63 Datasheet HTML 15Page - VAT Group AG DN63 Datasheet HTML 16Page - VAT Group AG DN63 Datasheet HTML 17Page - VAT Group AG DN63 Datasheet HTML 18Page - VAT Group AG DN63 Datasheet HTML 19Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
18/19
7
Spare parts
Please specify the fabrication number of the valve (see yellow label on valve) when ordering spare parts. This is
to ensure that the appropriate spare parts are supplied.
The item numbers refer to the assembly drawing on page 17
Item
Description
DN 63
DN 100
DN 160
DN 200
DN 250
DN 320
DN 350
DN 400
3 Bonnet seal
77775-R1
77778-R1
77781-R1
77784-R1
N-5100-378
N-5100-382
N-5100-383
4 Gate assembly
89146-R1
94842-R1
84275-R1
84608-R1
83481-R1
409173
215561
5 Gate O-ring
N-5102-340
N-5102-351
N-5102-364
N-5100-372
N-5102-453
N-5102-457
N-5100-461
6 Crank bolt
79090-R1
79090-R1
79090-R1
79090-R1
85783-R1
85783-R1
87749-R1
7 Crank bolt mounting screw
with spring washer
N-6005-458
N-6162-405
N-6005-458
N-6162-405
N-6005-458
N-6162-405
N-6005-458
N-6162-405
N-6005-502
N-6162-407
N-6005-502
N-6162-407
N-6005-502
N-6162-407
9 Feedthrough assembly
96443-R1
96443-R1
95937-R1
95937-R1
96444-R1
96444-R1
96452-R1
12 Feedtrough connection pin
N-6097-478
N-6097-478
N-6097-480
N-6097-480
N-6097-509
N-6097-509
N-6097-509
3-position pneumatic
actuator, consisting of
- pneumatic actuator (16)
- 3-position pneumatics (15)
- solenoid set (14)
- position indicator (8)
83580-R1
230400
234418
60550-R1
83580-R1
230400
234418
60550-R1
83581-R1
226400
84476-R1
60550-R1
83581-R1
226400
84476-R1
60550-R1
83582-R1
230600
83586-R1
60550-R1
83582-R1
230600
83586-R1
60550-R1
83582-R1
230600
237670
60550-R1
10 Static actuator seal
N-5100-222
N-5100-222
N-5100-225
N-5100-225
N-5100-228
N-5100-228
N-5100-228
11 Feedtrough O-ring
(option R1
/8“ port: 2 pcs)
N-5100-316
N-5100-316
N-5100-319
N-5100-319
N-5100-322
219930
N-5100-322
21 Locking balls
N-6121-052
(8 pcs)
N-6121-052
(12 pcs)
N-6121-051
(18 pcs)
N-6121-051
(24 pcs)
N-6121-081
(18 pcs)
N-6121-081
(24 pcs)
N-6121-097
(32 pcs)
24 Ball bearing assembly
66856-R1
(1 pc)
67064-R1
(2 pcs)
84326-R1
(2 pcs)
80642-R1
(2 pcs)
99205-R1
(4 pcs)
99205-R1
(4 pcs)
77286-01
(4 pcs)
A Seal kit vacuum
97442-R1
97446-R1
85047-R1
95939-R1
98472-R1
98474-R1
98476-R1
B Actuator replacement kit,
consisting of:
actuator seal, bonnet seal,
feedthrough O-ring,
feedthrough connection pin
101036-R1
(+static
actuator
seal)
101037-R1
(+static
actuator
seal)
88720-R1
88721-R1
88722-R1
88723-R1
88724-R1
C Gate spare parts kit,
consisting of:
gate O-ring, crank bolt,
crank bolt mounting screw
with spring washer, ball
bearings, locking balls
101038-R1
(no ball
bearings
and locking
balls)
101039-R1
(no ball
bearings
and locking
balls)
88725-R1
88726-R1
88727-R1
88728-R1
88729-R1
D Feedtrough assembling tool
91001-R1
227400
E VAT vacuum grease (40g)
N-6951-012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com