Electronic Components Datasheet Search
  English  ▼

X  

EB-230 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EB-230
Description  Power Schottky Rectifier with common cathode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EB-230 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EB-230 Datasheet HTML 1Page - List of Unclassifed Manufacturers EB-230 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EB-230 Data Sheet
Ver 1.2
2
EB-230 Specifications
Specification
Description
General
L1 frequcney, C/A code (SPS)
32 independent tracking channels
Sensitivity
-158dBm /Tracking; -146dBm /Acquisition
Update Rate
Up to 5Hz
Accuracy
Without aid: 3.0m 2D-RMS
<3m CEP (50%) without SA (horizontal)
DGPS (WAAS, EGNOS, MSAS, RTCM): 2.5m
Acquisition (open sky)
Cold Start: 36sec
Warm Start: 33sec
Hot Start: 1sec
Reacquisition
< 1sec
Dynamics
Altitude: 18000m (max.)
Velocity: 515m/sec (max.)
Vibration: 4G (max.)
Supply Voltage
DC 3.0V
Power Consumption
< 30mA @ 3.0V (w/o Active ANT) / Tracking
Backup Battery
DC 1.2V ( RTC Vcc )
NMEA Message
NMEA0183 v3.1 baud rate 4800/9600/…/57600, default 9600
Protocol: 3V CMOS/TTL
Selectable Output: GGA, GLL, GSA, GSV, RMC, and VTG
Datum
Default WGS-84
Antenna
External Active Antenna
Output Voltage: 3.0 VDC
Serial Interface
RS-232, SPI
Operating Temperature
-30
to 85
℃℃
Storage Temperature
-40
to
℃
125℃
Operating Humidity
95%, non condensing
≦
Mounting
SMT Type, 18 Pin
Dimension
12 x 12 x 3(H) mm
*Specifications subject to change without prior notice.
© TRANSYSTEM INC. all rights reserved.
No.1-2 Li-Hsin Rd.I, Science-Based
Industrial Park, Taiwan, R.O.C.
T: +886-3-5780393 / F: +886-3-5784111
gps.sales@transystem.com.tw
www.transystem.com.tw



Html Pages

1 2