Electronic Components Datasheet Search
  English  ▼

X  

TSA5512 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TSA5512
Description  1.3 GHz Bidirectional I2C-bus controlled synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5512 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TSA5512 Datasheet HTML 4Page - NXP Semiconductors TSA5512 Datasheet HTML 5Page - NXP Semiconductors TSA5512 Datasheet HTML 6Page - NXP Semiconductors TSA5512 Datasheet HTML 7Page - NXP Semiconductors TSA5512 Datasheet HTML 8Page - NXP Semiconductors TSA5512 Datasheet HTML 9Page - NXP Semiconductors TSA5512 Datasheet HTML 10Page - NXP Semiconductors TSA5512 Datasheet HTML 11Page - NXP Semiconductors TSA5512 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
October 1992
8
Philips Semiconductors
Product specification
1.3 GHz Bidirectional I2C-bus controlled synthesizer
TSA5512
READ mode: R/W = 1 (see Table 2)
Data can be read out of the TSA5512 by setting the R/W bit to 1. After the slave address has been recognized, the
TSA5512 generates an acknowledge pulse and the first data byte (status word) is transferred on the SDA line (MSB first).
Data is valid on the SDA line during a high position of the SCL clock signal. A second data byte can be read out of the
TSA5512 if the processor generates an acknowledge on the SDA line. End of transmission will occur if no acknowledge
from the processor occurs. The TSA5512 will then release the data line to allow the processor to generate a STOP
condition. When ports P3 to P7 are used as inputs, they must be programmed in their high-impedance state. The POR
flag (power-on reset) is set to 1 when VCC goes below 3 V and at power-on. It is reset when an end of data is detected
by the TSA5512 (end of a READ sequence). Control of the loop is made possible with the in-lock flag FL which indicates
(FL = 1) when the loop is phase-locked. The bits I2, I1 and I0 represent the status of the I/O ports P7, P5 and P4
respectively. A logic 0 indicates a LOW level and a logic 1 a HIGH level (TTL levels). A built-in 5-level ADC is available
on I/O port P6. This converter can be used to feed AFC information to the controller from the IF section of the television
as illustrated in the typical application circuit (Fig.8). The relationship between bits A2, A1 and A0 and the input voltage
on port P6 is given in Table 3.
Table 2
Read data format
Note to Table 2
MSB is transmitted first
Address selection
The module address contains programmable address bits (MA1 and MA0) which together with the I/O port P3 offers the
possibility of having several synthesizers (up to 3) in one system.
The relationship between MA1 and MA0 and the input voltage I/O port P3 is given in Table 4
MSB
LSB
Address
11000
MA1
MA0
1
A
byte 1
Status byte
POR
FL
I2
I1
I0
A2
A1
A0
−
byte 2
POR
power-on reset flag. (POR = 1 on power-on)
FL
in-lock flag (FL = 1 when the loop is phase-locked)
I2, I1, I0
digital information for I/O ports P7, P5 and P4 respectively
A2, A1 A0
digital outputs of the 5-level ADC. Accuracy is 1/2 LSB (see Table 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com