Electronic Components Datasheet Search
  English  ▼

X  

EO1804NPAS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EO1804NPAS
Description  Photoelectrics Diffuse-reflective
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EO1804NPAS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EO1804NPAS Datasheet HTML 1Page - List of Unclassifed Manufacturers EO1804NPAS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (08.02.06)
1
• Range: 400 mm adjustable
• Modulated, infrared light
• Supply voltage: 10 to 40 VDC
• Output: 200 mA NPN or PNP
• Make and break switching function, LED indication
• Protection: Reverse polarity, short-circuit, transients
• High immunity to ambient light
• Heavy duty M18 metal housing, IP67
• Cable and plug versions
Photoelectrics
Diffuse-reflective
Type EO1804.PAS, DC, Metal-housing
The EO1804 is a family of
general
purpose
Diffuse-
reflective sensors in a short
M18
metal
housing
for
heavy
duty
applications.
They are useful for simple
applications where a basic
sensor
provides
adequate
sensing performance. The
sensors are easy to adjust
with 270° single turn poten-
tiometer. The output is a 4-
wire
complementary
(NO
and NC) output in NPN (cur-
rent sinking) or PNP (current
souring).
Product Description
Specifications
Rated operating dist. (Sn)
Adjustable
Up to 400 mm
Reference target:
Kodak test card R27, white,
90% reflectivity
200 x 200 mm
Sensitivity
270° turn potentiometer
Temperature drift
0.4%/K
Hysteresis (H)
(Differential travel)
3 to 20%
Rated operational volt. (UB)
10 to 40 VDC (ripple included)
Ripple (Urpp)
Max. 10%
Output current
Continuous (Ie)
Max. 200 mA
Short-time (I)
200 mA,
max. load capacity 100 nF
No load supply current (IO)
Max. 20 mA
Min. operational current (Im)
0.5 mA
OFF-state current (Ir)
Max. 100
μA
Voltage drop (Ud)
Max. 2.5 V @ 200 mA
Protection
Reverse polarity, short circuit,
transients
Transient voltage
Max. 1 kV/0.5 J
Light source
GaAlAs LED, 880 nm
Light type
Infrared,
modulated synchronized
Sensing angle
± 25° at 1/2 range
Ambient light
Max. 10,000 lux
Operating frequency (f)
120 Hz, light/dark ratio 1:2
Response time
OFF-ON (tON)
≤ 3.2 ms
ON-OFF (tOFF)
≤ 5 ms
Power ON delay (tV)
Typ. 100 ms
Indication function
Dark and light
(complementary switch)
Output ON
LED, yellow
Environment
Overvoltage category
III (IEC 60664/60664A; 60947-1)
Pollution degree
3 (IEC 60664/60664A; 60947-1)
Degree of protection
IP 67 (IEC 60529; 60947-1)
Temperature
Operating
-20° to +60°C (-4° to 140°F)
Storage
-30° to + 70°C (-22° to 158°F)
Vibration
10 to 150 Hz, 0.5 mm/7.5 g
(IEC 60068-2-6)
Shock
2 x 1 m & 100 x 0.5 m
(IEC 60068-2-32)
Dielectric voltage
500 VAC (IEC 60365-4-41)
Type
Housing diameter
Range
Output type
Housing material
Connection type
Ordering Key
EO 18 04 NPA S-1
Type Selection
Housing
Rated
Ordering no.
Ordering no.
Ordering no.
Ordering no.
diameter
operating
NPN/cable
NPN/plug
PNP/cable
PNP/plug
dist. (Sn)
Make & break swit.
Make & break swit.
Make & break swit.
Make & break swit.
M18
400 mm
EO 1804 NPAS
EO 1804 NPAS-1
EO 1804 PPAS
EO 1804 PPAS-1


Similar Part No. - EO1804NPAS

ManufacturerPart #DatasheetDescription
logo
ams AG
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
More results

Similar Description - EO1804NPAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFET01SC ETC2-AFET01SC Datasheet
72Kb / 1P
Photoelectrics Fibre Optics, Plastic, Economy Line
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
Photoelectrics Fibre Optics, Glass
ED5502NPAP ETC2-ED5502NPAP Datasheet
306Kb / 3P
Photoelectrics Diffuse-reflective
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
Photoelectrics Fiber Optic Sensor
EP1820NPAS ETC2-EP1820NPAS Datasheet
96Kb / 2P
Photoelectrics Retro-reflective, Polarized
ER1830NPAS ETC2-ER1830NPAS Datasheet
91Kb / 2P
Photoelectrics Retro-reflective
VP01EP ETC2-VP01EP Datasheet
106Kb / 3P
Photoelectrics Level Sensors Type VP, Unmodulated
logo
Carlo Gavazzi Holding A...
MB02 CARLOGAVAZZI-MB02 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
logo
Omron Electronics LLC
B5W-DB OMRON-B5W-DB Datasheet
348Kb / 8P
Diffuse Reflective Sensor
0522/1220
B5W-DB11A1-A OMRON-B5W-DB11A1-A Datasheet
255Kb / 8P
Diffuse Reflective Sensor
0522/0721
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com