Electronic Components Datasheet Search
  English  ▼

X  

EP1820NPAS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EP1820NPAS
Description  Photoelectrics Retro-reflective, Polarized
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP1820NPAS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EP1820NPAS Datasheet HTML 1Page - List of Unclassifed Manufacturers EP1820NPAS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (08.02.06)
1
Housing
Rated
Connection
Ordering no.
Ordering no.
diameter
operating
NPN
PNP
dist. (Sn)
Make & break switching
Make & break switching
M18
2.0 m
Cable
EP 1820 NPAS
EP 1820 PPAS
M18
2.0 m
Plug
EP 1820 NPAS-1
EP 1820 PPAS-1
Photoelectrics
Retro-reflective, Polarized
Type EP 1820, DC, PBTP-housing
Product Description
Type
Housing diameter
Range
Output type
Housing material
Connection type
• Range: 2.0 m
• Modulated red light, polarized
• Supply voltage: 10 to 40 VDC
• Output: 200 mA NPN or PNP
• Make and break switching functions, LED, indication
• Protection: Reverse polarity, short-circuit, transients
• Improved immunity to reflecting surfaces
• Heavy duty M18 metal housing, IP67
• Cable and plug versions
Ordering Key
The EP1830 is a family of
general
purpose
polarized
retro-reflective sensors in a
short M18 metal housing for
heavy duty applications. They
are useful for simple applica-
tions, where a basic sensor
provides
adequate
sensing
performance. The sensors are
easy to adjust with a 270° sin-
gle turn potentiometer. The
output is a 4-wire comple-
mentary NO or NC thyristor
(SCR) output.
Type Selection
EP 18 20 NPA S-1
Specifications
Rated operating dist. (Sn)
Up to 2.0 m
Ref. reflector type ER4, Ø 84 mm
Sensitivity
270° single turn pot.meter
Temperature drift
0.4%/°C
Hysteresis (H)
(Differential travel)
3 to 20 %
Rated operational volt. (UB)
10 to 40 VDC (ripple included)
Ripple (Urpp)
Max. 10%
Output current
Continuous (Ie)
≤ 200 mA
Short-time (I)
200 mA
max. load capacity 100nF
No load supply current (IO)
Max. 20 mA
Min. operational current (Im)
0,5 mA
OFF-state current (Ir)
Max. 100 µA
Voltage drop (Ud)
Max. 2.5 VDC @ 200 mA
Protection
Reverse polarity, short-circuit,
transients
Transient voltage
1 kV / 0.5 J
Power ON delay (tv)
Typ. 70 ms
Light source
GaAlAs LED, 660 nm
Light type
Red polarized, modulated
Optical angle
±2°
Light spot size
150 mm at 2 m
Ambient light
Max 5'000 lux
Operating frequency (f)
Max. 100 Hz,
light-dark ratio 1.2
Response time
OFF-ON (tON)
≤ 3.2 ms
ON-OFF (tOFF)
≤ 5 ms
Indication
Function
Dark and light
(complementary) switch.
Output ON
LED, yellow
Environment
Overvoltage category
III (IEC 60664/60664A; 60947-1)
Pollution degree
3 (IEC 60664/60664A; 60947-1)
Degree of protection
IP 67 (IEC 60529; 60947-1)
Temperature
Operating
-20° to +60°C (-4° to 140°F)
Storage
-30° to + 70°C (-22° to 158°F)
Vibration
10 to 150 Hz, 0.5 mm/7.5 g
(IEC 60068-2-6)
Shock
2 x 1 m & 100 x 0.5 m
(IEC 60068-2-32)


Similar Part No. - EP1820NPAS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP18270 PCA-EP18270 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
EP18270 PCA-EP18270 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
EP18271 PCA-EP18271 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
EP18271 PCA-EP18271 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
EP18272 PCA-EP18272 Datasheet
121Kb / 1P
Stand-Off Type Pulse Transformers
More results

Similar Description - EP1820NPAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ED5502NPAP ETC2-ED5502NPAP Datasheet
306Kb / 3P
Photoelectrics Diffuse-reflective
EO1804NPAS ETC2-EO1804NPAS Datasheet
99Kb / 2P
Photoelectrics Diffuse-reflective
ER1830NPAS ETC2-ER1830NPAS Datasheet
91Kb / 2P
Photoelectrics Retro-reflective
logo
Festo Corporation.
8075672 FESTO-8075672 Datasheet
94Kb / 2P
Retro-reflective sensor
537683 FESTO-537683 Datasheet
90Kb / 2P
Retro-reflective sensor
7/13/22
537685 FESTO-537685 Datasheet
90Kb / 2P
Retro-reflective sensor
7/13/22
537686 FESTO-537686 Datasheet
105Kb / 2P
Retro-reflective sensor
7/13/22
537700 FESTO-537700 Datasheet
106Kb / 2P
Retro-reflective sensor
7/13/22
537713 FESTO-537713 Datasheet
92Kb / 2P
Retro-reflective sensor
7/13/22
537716 FESTO-537716 Datasheet
106Kb / 2P
Retro-reflective sensor
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com