Electronic Components Datasheet Search
  English  ▼

X  

TSA5514AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TSA5514AT
Description  1.3 GHz bidirectional I2C-bus controlled synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5514AT Datasheet(HTML) 2 Page - NXP Semiconductors

  TSA5514AT Datasheet HTML 1Page - NXP Semiconductors TSA5514AT Datasheet HTML 2Page - NXP Semiconductors TSA5514AT Datasheet HTML 3Page - NXP Semiconductors TSA5514AT Datasheet HTML 4Page - NXP Semiconductors TSA5514AT Datasheet HTML 5Page - NXP Semiconductors TSA5514AT Datasheet HTML 6Page - NXP Semiconductors TSA5514AT Datasheet HTML 7Page - NXP Semiconductors TSA5514AT Datasheet HTML 8Page - NXP Semiconductors TSA5514AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
October 1992
2
Philips Semiconductors
Product specification
1.3 GHz bidirectional I2C-bus controlled synthesizer
TSA5514
FEATURES
• Complete 1.3 GHz single chip system
• Low power 5 V, 35 mA
• I2C-bus programming
• In-lock flag
• Varicap drive disable
• Low radiation
• Address selection for Picture-In-Picture (PIP), DBS
tuner (4 addresses)
• 5-level analog-to-digital converter
• 7 bus controlled ports; 3 output, 4 open collector
input/output
• Power-down flag
QUICK REFERENCE DATA
ORDERING INFORMATION
Note
1. SOT102-1; 1996 December 4.
2. SOT109-1; 1996 December 4.
3. SOT 163-1; 1996 December 4.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Vcc
supply voltage
−
5
−
V
Icc
supply current
−
35
−
mA
∆fr
frequency range
64
−
1300
MHz
VI
input voltage level
80 MHz to 150 MHz
12
−
300
mV
150 MHz to 1 GHz
9
−
300
mV
1 GHz to 1.3 GHz
40
−
300
mV
fxtal
crystal oscillator frequency
3.2
4.0
4.48
MHz
Io
open-collector output current
10
−−
mA
Tamb
operating ambient temperature range
−10
−
+80
°C
Tstg
IC storage temperature range
−40
−
+150
°C
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TSA5514
18
DIL
plastic
SOT102(1)
TSA5514T
16
SO
plastic
SOT109A(2)
TSA5514AT
20
SO
plastic
SOT163A(3)
APPLICATIONS
• TV tuners
• VCR Tuners
DESCRIPTION
The TSA5514 is a single chip PLL frequency synthesizer
designed for TV tuning systems. Control data is entered via
the I2C-bus; five serial bytes are required to address the
device, select the oscillator frequency, programme the seven
output ports and set the charge-pump current. Four of these
ports can also be used as input ports (three general purpose
I/O ports, one ADC). Digital information concerning those
ports can be read out of the TSA5514 on the SDA line (one
status byte) during a READ operation. A flag is set when the
loop is “in-lock” and is read during a READ operation. The
device has 4 programmable addresses, programmed by
applying a specific voltage to AS pin. The phase comparator
operates at 7.8125 kHz when a 4 MHz crystal is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com