Electronic Components Datasheet Search
  English  ▼

X  

TSA5520 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TSA5520
Description  1.3 GHz universal bus-controlled TV synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5520 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TSA5520 Datasheet HTML 14Page - NXP Semiconductors TSA5520 Datasheet HTML 15Page - NXP Semiconductors TSA5520 Datasheet HTML 16Page - NXP Semiconductors TSA5520 Datasheet HTML 17Page - NXP Semiconductors TSA5520 Datasheet HTML 18Page - NXP Semiconductors TSA5520 Datasheet HTML 19Page - NXP Semiconductors TSA5520 Datasheet HTML 20Page - NXP Semiconductors TSA5520 Datasheet HTML 21Page - NXP Semiconductors TSA5520 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1996 Oct 10
18
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
Fig.11 Typical I2C-bus application.
handbook, full pagewidth
MLC887
CP
SWITCH
33 V
MID
HIGH
12 V
LOW
5 V
RF
V
SW
LOCK
SCL
SDA
CE
XTAL
2.2 nF
100 nF
22 k
Ω
27
k
Ω
22 k
Ω
33
nF
tune
Vtune
BS1
BS2
BS3
BS4
LOCK
SCL
SDA
AS
V
V
VEE
RF
TSA552X
CC2
CC1
1 nF
(1)
(2)
10 nF
18 pF
4 MHz
(1) Connection to ground is also allowed.
(2) Capacitor prevents parasitic oscillation on the VCC2 line.
Fig.12 Typical 3-wire bus application.
handbook, full pagewidth
MLC888
CP
SWITCH
33 V
MID
HIGH
12 V
LOW
5 V
RF
V
SW
LOCK
SCL
SDA
CE
XTAL
2.2 nF
100 nF
22 k
Ω
27
k
Ω
tune
BS1
BS2
BS3
BS4
LOCK
CLOCK
DATA
ENABLE
V
V
RF
TSA552X
CC2
CC1
1 nF
(1)
(2)
10 nF
18 pF
4 MHz
VEE
22 k
Ω
33
nF
Vtune
(1) Connection to ground is also allowed.
(2) Capacitor prevents parasitic oscillation on the VCC2 line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com