Electronic Components Datasheet Search
  English  ▼

X  

TL431ACD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TL431ACD
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TL431ACD Datasheet(HTML) 5 Page - NXP Semiconductors

  TL431ACD Datasheet HTML 1Page - NXP Semiconductors TL431ACD Datasheet HTML 2Page - NXP Semiconductors TL431ACD Datasheet HTML 3Page - NXP Semiconductors TL431ACD Datasheet HTML 4Page - NXP Semiconductors TL431ACD Datasheet HTML 5Page - NXP Semiconductors TL431ACD Datasheet HTML 6Page - NXP Semiconductors TL431ACD Datasheet HTML 7Page - NXP Semiconductors TL431ACD Datasheet HTML 8Page - NXP Semiconductors TL431ACD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
5
αVREF can be positive or negative depending on whether minimum VREF of maximum VREF, respectively, occurs at the lower temperature.
Example: Max VREF = 2496mV at 30°C, Min VREF = 2492mV at 0°C, VREF = 2495mV at 25°C, DTA = 70°C for TL431C.
|
aV
REF | +
4mV
2495mV @
106
70oC
+ 23ppm oC
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
4. The dynamic impedance is defined as: |Z
KA | +
DV
KA
DI
K
When the device is operating with two external resistors, (see Figure xx), the total dynamic impedance of the circuit is given by:
|Z |
+ DV
DI [
|Z
KA |
1
) R1
R2
PARAMETER MEASUREMENT INFORMATION
INPUT
Vref
VKA
IK
SL01177
Figure 3.
Test Circuit for VKA = Vref
R1
R2
INPUT
Vref
VKA
Iref
IK
V
KA +
V
ref
1
)
R1
R2
) I
ref
R1
SL01178
Figure 4.
Test Circuit for VKA > Vref
INPUT
VKA
Ioff
SL01179
Figure 5.
Test Circuit for IOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com