Electronic Components Datasheet Search
  English  ▼

X  

H838024S Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # H838024S
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024S Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button H838024S Datasheet HTML 39Page - Renesas Technology Corp H838024S Datasheet HTML 40Page - Renesas Technology Corp H838024S Datasheet HTML 41Page - Renesas Technology Corp H838024S Datasheet HTML 42Page - Renesas Technology Corp H838024S Datasheet HTML 43Page - Renesas Technology Corp H838024S Datasheet HTML 44Page - Renesas Technology Corp H838024S Datasheet HTML 45Page - Renesas Technology Corp H838024S Datasheet HTML 46Page - Renesas Technology Corp H838024S Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 697 page
background image
Section 1 Overview
Rev. 7.00 Mar 10, 2005 page 1 of 652
REJ09B0042-0700
Section 1 Overview
1.1
Overview
The H8/300L Series is a series of single-chip microcomputers (MCU: microcomputer unit), built
around the high-speed H8/300L CPU and equipped with peripheral system functions on-chip.
Within the H8/300L Series, the H8/38024 Group, H8/38024S Group, and H8/38124 Group
comprise single-chip microcomputers equipped with a LCD (Liquid Crystal Display)
controller/driver. Other on-chip peripheral functions include six timers, a two-channel 10-bit
pulse width modulator (PWM), a serial communication interface, and an A/D converter.
Together, these functions make the H8/38024 Group, H8/38024S Group, and H8/38124 Group
ideally suited for embedded applications in systems requiring low power consumption and LCD
display. Models in the H8/38024 Group, H8/38024S Group, and H8/38124 Group are the
H8/38024, H8/38024S, and H8/38124 with on-chip 32-Kbyte ROM and 1-Kbyte RAM, the
H8/38023, H8/38023S, and H8/38123 with on-chip 24-Kbyte ROM and 1-Kbyte RAM, the
H8/38022, H8/38022S, and H8/38122 with on-chip 16-Kbyte ROM and 1-Kbyte RAM, the
H8/38021, H8/38021S, and H8/38121 with 12-Kbyte ROM and 512 byte RAM, and the
H8/38020, H8/38020S, and H8/38120 with 8-Kbyte ROM and 512 byte RAM.
The H8/38024 is also available in a ZTAT™*
1 version with on-chip PROM which can be
programmed as required by the user. The H8/38024 is also available in F-ZTAT™*
2 versions with
on-chip flash memory which can be reprogrammed on board.
The H8/38124 is also available in an F-ZTAT™ version with on-chip flash memory that can be
programmed on board.
Table 1.1 summarizes the features of the H8/38024 Group, H8/38024S Group, and H8/38124
Group.
Notes: 1. ZTAT (Zero Turn Around Time) is a trademark of Renesas Technology Corp.
2. F-ZTAT is a trademark of Renesas Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com