Electronic Components Datasheet Search
  English  ▼

X  

LM431ACM Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LM431ACM
Description  Adjustable precision shunt regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM431ACM Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LM431ACM Datasheet HTML 3Page - NXP Semiconductors LM431ACM Datasheet HTML 4Page - NXP Semiconductors LM431ACM Datasheet HTML 5Page - NXP Semiconductors LM431ACM Datasheet HTML 6Page - NXP Semiconductors LM431ACM Datasheet HTML 7Page - NXP Semiconductors LM431ACM Datasheet HTML 8Page - NXP Semiconductors LM431ACM Datasheet HTML 9Page - NXP Semiconductors LM431ACM Datasheet HTML 10Page - NXP Semiconductors LM431ACM Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Product specification
TL431C, TL431AC, TL431I,
TL431AI, LM431AC
Adjustable precision shunt regulators
1997 Feb 25
7
4
3
2
1
0
–1
–2
–3
–4
0
123
456
789
10
t – TIME – (SECONDS)
SL01174
VEE
160k
Ω
0.1
µF
820
Ω
910
Ω
16k
Ω
VCC
TLE2027
AV = 10V/mV
500
µF
1k
Ω
19.1V
2000
µF
TL431
(DUT)
16k
Ω
1
µF
33k
Ω
1
µF
VEE
VCC
TLE2027
AV = 2V/V
33k
Ω
22
µF
CRO
1M
Ω
16
Ω
Equivalent Input Noise Voltage Over a 10-Second Period
Test Circuit
Figure 12.
400
350
300
250
200
150
100
10
100
1K
10K
100K
IK = 10mA
Tamb = 25°C
f–FREQUENCY–Hz
SL01180
Figure 13.
Equivalent Input Noise Voltage vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com