Electronic Components Datasheet Search
  English  ▼

X  

H838121 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # H838121
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838121 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button H838121 Datasheet HTML 65Page - Renesas Technology Corp H838121 Datasheet HTML 66Page - Renesas Technology Corp H838121 Datasheet HTML 67Page - Renesas Technology Corp H838121 Datasheet HTML 68Page - Renesas Technology Corp H838121 Datasheet HTML 69Page - Renesas Technology Corp H838121 Datasheet HTML 70Page - Renesas Technology Corp H838121 Datasheet HTML 71Page - Renesas Technology Corp H838121 Datasheet HTML 72Page - Renesas Technology Corp H838121 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 27 of 652
REJ09B0042-0700
2.2
Register Descriptions
2.2.1
General Registers
All the general registers can be used as both data registers and address registers.
When used as data registers, they can be accessed as 16-bit registers (R0 to R7), or the high bytes
(R0H to R7H) and low bytes (R0L to R7L) can be accessed separately as 8-bit registers.
When used as address registers, the general registers are accessed as 16-bit registers (R0 to R7).
R7 also functions as the stack pointer (SP), used implicitly by hardware in exception processing
and subroutine calls. When it functions as the stack pointer, as indicated in figure 2.2, SP (R7)
points to the top of the stack.
Lower address side [H'0000]
Upper address side [H'FFFF]
Unused area
Stack area
SP (R7)
Figure 2.2 Stack Pointer
2.2.2
Control Registers
The CPU control registers include a 16-bit program counter (PC) and an 8-bit condition code
register (CCR).
Program Counter (PC)
This 16-bit register indicates the address of the next instruction the CPU will execute. All
instructions are fetched 16 bits (1 word) at a time, so the least significant bit of the PC is ignored
(always regarded as 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com