Electronic Components Datasheet Search
  English  ▼

X  

WD64PURZ Datasheet(PDF) 2 Page - Western Digital Corporation or its affiliates.

Part # WD64PURZ
Description  Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD64PURZ Datasheet(HTML) 2 Page - Western Digital Corporation or its affiliates.

  WD64PURZ Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD64PURZ Datasheet HTML 2Page - Western Digital Corporation or its affiliates. WD64PURZ Datasheet HTML 3Page - Western Digital Corporation or its affiliates. WD64PURZ Datasheet HTML 4Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
WD Purple™
Specifications
1
1MB = 1 million bytes, 1GB = 1 billion bytes, and 1TB = 1 trillion bytes. Actual user capacity may be less
depending on operating environment.
2
Not all products may be available in all regions of the world.
3
WD hard drive products manufactured and sold worldwide after June 8, 2011, meet or exceed Restriction
of Hazardous Substances (RoHS) compliance requirements as mandated by the RoHS Directive
2011/65/EU.
4
Single stream at 3.2Mbps (1080p, H.265, 25 fps) for (WD22PURZ, WD33PURZ, WD42PURZ,
WD43PURZ, WD60PURZ, WD62PURZ, WD63PURZ, WD64PURZ, WD84PURZ) and 2.6Mbps (720p,
H.265, 25 fps) for (WD10PURZ, WD20PURZ, WD30PURZ, WD40PURZ.) Results may vary depending
on camera resolution, file format, frames per second, software, system settings, video quality, and other
factors.
5
1TB through 3TB (WD30PURZ) support up to eight bays; 3TB (WD33PURZ) and 4TB and above
support up to 16 bays.
6
Tarnish resistant components for capacities 3TB (WD33PURZ) and 4TB and higher.
7
Gigabit per second (Gb/s) = one billion bits per second. Effective maximum SATA 6 Gb/s transfer rate
calculated according to the Serial ATA specification published by the SATA-IO organization as of the
date of this specification sheet. Visit www.sata-io.org for details.
8
1 MB/s = 1 million bytes per second. Based on internal testing; performance may vary depending upon
host device, usage conditions, drive capacity, and other factors.
9
Controlled unload at ambient condition.
10
Workload Rate is defined as the amount of user data transferred to or from the hard drive. Workload
Rate is annualized (TB transferred x (8760 / recorded power-on hours)). Workload Rate will vary
depending on your hardware and software components and configurations.
11
No non-recoverable errors during operating tests or after non-operating tests.
12
MTBF specifications are based on a sample population and are estimated by statistical measurements
and acceleration algorithms under typical operating conditions: workload of 90TB/year and drive
temperature of 40°C. Derating of MTBF will occur above these parameters, up to 65°C drive
temperature. MTBF does not predict an individual drive’s reliability and does not constitute a warranty.
13
See support.wdc.com/warranty for regional specific warranty details.
14
Power measurements at room-ambient temperature.
15
On the base casting.
16
Sound power level.
8TB
6TB
6TB
6TB
6TB
Model Number2
WD84PURZ
WD64PURZ
WD63PURZ
WD62PURZ
WD60PURZ
Formatted capacity1
8TB
6TB
6TB
6TB
6TB
Form factor
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
Advanced Format (AF)
Yes
Yes
Yes
Yes
Yes
Recording Technology
CMR
CMR
CMR
CMR
CMR
RoHS compliant3
Yes
Yes
Yes
Yes
Yes
Product Features
Cameras supported4
Up to 64 HD
Up to 64 HD
Up to 64 HD
Up to 64 HD
Up to 64 HD
Drive Bays Supported
16
16
16
16
16
Firmware Feature Name
AllFrame
AllFrame
AllFrame
AllFrame
AllFrame
Tarnish resistant components
Yes
Yes
Yes
Yes
Yes
Performance
Interface transfer rate (max)
Buffer to host7
Host to/from drive (sustained)8
6 Gb/s
194 MB/s
6 Gb/s
180MB/s
6 Gb/s
175MB/s
6 Gb/s
185 MB/s
6 Gb/s
175 MB/s
Cache (MB)1
128
256
256
128
64
Reliability/Data Integrity
Load/unload cycles9
300,000
300,000
300,000
300,000
300,000
Annualized workload rating10
180TB/yr
180TB/yr
180TB/yr
180TB/yr
180TB/yr
Non-recoverable read errors per bits read11
<1 in 10^14
<1 in 10^14
<1 in 10^14
<1 in 10^14
<1 in 10^14
MTBF12
1,000,000
1,000,000
1,000,000
1,000,000
1,000,000
Limited warranty (years)13
3
3
3
3
3
Power Management14
Average power requirements (W)
Read/Write
Idle
Standby and Sleep
6.2
5.5
0.4
4.7
4.3
0.3
4.6
3.7
0.3
6.2
5.5
0.4
5.3
4.9
0.4
Environmental Specifications
Temperature (°C)
Operating15
Non-operating
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
Shock (Gs)
Operating (2 ms, read/write)
Operating (2 ms, read)
Non-operating (2 ms)
30
65
250
30
65
250
30
65
250
30
65
250
30
65
250
Acoustics (dBA)16
Idle
Seek (average)
25
30
23
27
23
27
25
30
25
28
Physical Dimensions
Height (in./mm, max)
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
Length (in./mm, max)
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
Width (in./mm, ± .01 in.)
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
Weight (lb/kg, ± 10%)
1.58/0.72
1.26/0.57
1.26/0.57
1.58/0.72
1.65/0.75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com