Electronic Components Datasheet Search
  English  ▼

X  

HD64338021 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD64338021
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338021 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD64338021 Datasheet HTML 69Page - Renesas Technology Corp HD64338021 Datasheet HTML 70Page - Renesas Technology Corp HD64338021 Datasheet HTML 71Page - Renesas Technology Corp HD64338021 Datasheet HTML 72Page - Renesas Technology Corp HD64338021 Datasheet HTML 73Page - Renesas Technology Corp HD64338021 Datasheet HTML 74Page - Renesas Technology Corp HD64338021 Datasheet HTML 75Page - Renesas Technology Corp HD64338021 Datasheet HTML 76Page - Renesas Technology Corp HD64338021 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 31 of 652
REJ09B0042-0700
2.3.2
Memory Data Formats
Figure 2.4 indicates the data formats in memory. The H8/300L CPU can access word data stored
in memory (MOV.W instruction), but the word data must always begin at an even address. If word
data starting at an odd address is accessed, the least significant bit of the address is regarded as 0,
and the word data starting at the preceding address is accessed. The same applies to instruction
codes.
Data Format
76543210
Address
Data Type
70
Address n
MSB
LSB
MSB
LSB
Upper 8 bits
Lower 8 bits
MSB
LSB
CCR
CCR*
MSB
LSB
MSB
LSB
Address n
Even address
Odd address
Even address
Odd address
Even address
Odd address
1-bit data
Byte data
Word data
Byte data (CCR) on stack
Word data on stack
[Legend]
CCR: Condition code register
Note:
* Ignored on return
Figure 2.4 Memory Data Formats
When the stack is accessed using R7 as an address register, word access should always be
performed. When the CCR is pushed on the stack, two identical copies of the CCR are pushed to
make a complete word. When they are restored, the lower byte is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com