Electronic Components Datasheet Search
  English  ▼

X  

LC532Z Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # LC532Z
Description  CYAN LAMP LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LC532Z Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button LC532Z Datasheet HTML 2Page - Seoul Semiconductor LC532Z Datasheet HTML 3Page - Seoul Semiconductor LC532Z Datasheet HTML 4Page - Seoul Semiconductor LC532Z Datasheet HTML 5Page - Seoul Semiconductor LC532Z Datasheet HTML 6Page - Seoul Semiconductor LC532Z Datasheet HTML 7Page - Seoul Semiconductor LC532Z Datasheet HTML 8Page - Seoul Semiconductor LC532Z Datasheet HTML 9Page - Seoul Semiconductor LC532Z Datasheet HTML 10Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
-10-
CYAN LAMP LED
LC532Z
<061201> Rev. 0.0
서식번호 : QP-7-03-05 (Rev.00)
3) Static Electricity
• Static Electricity and surge voltage damage the LEDs. So it is recommended that a wrist
band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.
4) Heat Generation
• Thermal is one of the important parameters to design the end product. Please consider the
heat generation of the LEDs.
• The operating current should be decided after considering the ambient maximum temperature
of LEDs.
5) Others
• The color of the LEDs is changed slightly an operating current and thermal.
• Anti radioactive ray design is not considered for the products listed here.
• Gallium arsenide is used in some of the products listed in this publication. These products
are dangerous if they are burned or smashed in the process of disposal. It is also dangerous
to drink the liquid or inhale the gas generated by such products when chemically disposed.
• This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA(Isopropyl Alcohol) should be used.
• When the LEDs are illuminating, operating current should be decided after considering the
junction temperature.
Cf.) Please refer Ambient temperature vs. Forward Current graph on page 5
• The appearance and specifications of the product may be modified for improvement without
notice.
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : +82-2-3281-6269
FAX :+82-2-858-5537
Homepage : www.seoulsemicon.com
www.zled.com
E-Store : www.zledstore.com
E-mail : sscsale@seoulsemicon.com



Html Pages

1 2 3 4 5 6 7 8 9 10