Electronic Components Datasheet Search
  English  ▼

X  

D13-2 Datasheet(PDF) 1 Page - WM Berg Inc.

Part # D13-2
Description  DOWEL SOFT PINS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WMBERG [WM Berg Inc.]
Direct Link  https://www.wmberg.com/
Logo WMBERG - WM Berg Inc.

D13-2 Datasheet(HTML) 1 Page - WM Berg Inc.

  D13-2 Datasheet HTML 1Page - WM Berg Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PINS
Also available
STOCK NO .
DESCRIPTION OF KIT
KIT-D11
DOWEL PIN KIT, ASSORTED SIZES 1/32" TO 1/4" DIA . (135 PIECES)
TYPE
DIAMETER SIZE
MATERIALS
DOWEL
SOFT PINS
1/32 TO 5/32
303 STAINLESS STEEL
(NOT HARDENED)
TYPE
DIAMETER SIZE
MATERIALS
DOWEL
SOFT PINS
3/16 TO 1/2
303 STAINLESS STEEL
(NOT HARDENED)
DIAMETER = d
B
(1/32")
.0312
STOCK
NO .
(1/16")
.0625
STOCK
NO .
(5/64")
.0780
STOCK
NO .
(3/32")
.0937
STOCK
NO .
(1/8")
.1250
STOCK
NO .
(5/32")
.1561
STOCK
NO .
D11-1
D12-1
D18-1
D13-1
D14-1
-
3/32
D11-2
D12-2
D18-2
D13-2
D14-2
-
1/8
D11-3
D12-3
D18-3
D13-3
D14-3
-
5/32
D11-4
D12-4
D18-4
D13-4
D14-4
D15-4
3/16
D11-5
D12-5
-
D13-5
D14-5
-
7/32
D11-6
D12-6
D18-6
D13-6
D14-6
D15-6
1/4
D11-7
D12-7
D18-7
D13-7
D14-7
D15-7
5/16
D11-8
D12-8
D18-8
D13-8
D14-8
D15-8
3/8
D11-9
D12-9
-
D13-9
D14-9
D15-9
7/16
D11-10
D12-10
-
D13-10
D14-10
D15-10
1/2
D11-11
D12-11
-
D13-11
D14-11
D15-11
5/8
D11-12
D12-12
-
D13-12
D14-12
-
3/4
D11-13
D12-13
-
D13-13
D14-13
-
7/8
D11-14
D12-14
-
D13-14
D14-14
-
1
Sold in packages of 10 .
DIAMETER = d
B
(1/32")
.0312
STOCK
NO .
(1/16")
.0625
STOCK
NO .
(5/64")
.0780
STOCK
NO .
(3/32")
.0937
STOCK
NO .
(1/8")
.1250
STOCK
NO .
(5/32")
.1561
STOCK
NO .
D16-6
-
-
-
-
-
1/4
D16-7
D19-7
-
-
-
-
5/16
D16-8
D19-8
D17-8
-
-
-
3/8
D16-9
D19-9
D17-9
D20-9
-
-
7/16
D16-10
D19-10
D17-10
D20-10
-
-
1/2
-
-
D17-20
D20-20
D21-20
-
9/16
D16-11
D19-11
D17-11
D20-11
D21-11
-
5/8
D16-12
D19-12
D17-12
D20-12
D21-12
D22-12
3/4
D16-13
D19-13
D17-13
D20-13
D21-13
D22-13
7/8
D16-14
D19-14
D17-14
D20-14
D21-14
D22-14
1
-
-
-
D20-15
D21-15
D22-15 1-1/4
-
-
-
-
D21-16
D22-16 1-1/2
-
-
-
-
-
D22-17 1-3/4
-
-
-
-
-
D22-18
2
Sold in packages of 10 .
WWW.WMBERG .COM
F 47
1-800-232-BERG
F


Similar Part No. - D13-2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
D13-2A TTELEC-D13-2A Datasheet
314Kb / 4P
Single-In-Line Conformal Coated Diode Array
09.18
logo
Bi technologies
D13-2C BITECH-D13-2C Datasheet
483Kb / 4P
DIODE NETWORKS D SERIES
logo
TT Electronics.
D13-2C TTELEC-D13-2C Datasheet
314Kb / 4P
Single-In-Line Conformal Coated Diode Array
09.18
More results

Similar Description - D13-2

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0257-0-00-01-00-00-03-0 MILL-MAX-0257-0-00-01-00-00-03-0 Datasheet
116Kb / 1P
PRINTED CIRCUIT PINS
0265-0-01-01-00-00-03-0 MILL-MAX-0265-0-01-01-00-00-03-0 Datasheet
118Kb / 1P
PRINTED CIRCUIT PINS
182N MILL-MAX-182N Datasheet
119Kb / 1P
PRINTED CIRCUIT PINS
183N MILL-MAX-183N Datasheet
118Kb / 1P
PRINTED CIRCUIT PINS
0272-0-01-34-00-00-03-0 MILL-MAX-0272-0-01-34-00-00-03-0 Datasheet
118Kb / 1P
PRINTED CIRCUIT PINS
logo
List of Unclassifed Man...
1352-1 ETC2-1352-1 Datasheet
485Kb / 1P
MICRO PINS
1372-1 ETC2-1372-1 Datasheet
430Kb / 1P
MICRO PINS
logo
PowerDynamics, Inc
PD-HEC2-FPC-S-W POWERDYNAMICS-PD-HEC2-FPC-S-W Datasheet
218Kb / 1P
SOLDER PINS
logo
Pepperl+Fuchs Inc.
H-CP PF-H-CP Datasheet
408Kb / 1P
Coding Pins
KF-CP PF-KF-CP Datasheet
345Kb / 1P
Coding Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com