Electronic Components Datasheet Search
  English  ▼

X  

5020/50C Datasheet(PDF) 2 Page - Alpha Wire

Part # 5020/50C
Description  24 (7/32) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5020/50C Datasheet(HTML) 2 Page - Alpha Wire

  5020/50C Datasheet HTML 1Page - Alpha Wire 5020/50C Datasheet HTML 2Page - Alpha Wire 5020/50C Datasheet HTML 3Page - Alpha Wire 5020/50C Datasheet HTML 4Page - Alpha Wire 5020/50C Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
Diameters (In)
1) Component 1
50 X 1 COND
 
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.044
(1) Color Code
Alpha Wire Color Code E
Cond Color
Cond Color
Cond Color
1
BLACK
18
WHITE/VIOLET
35
WHITE/RED/ORANGE
2
BROWN
19
WHITE/SLATE
36
WHITE/RED/YELLOW
3
RED
20
WHITE/BLACK/BROWN
37
WHITE/RED/GREEN
4
ORANGE
21
WHITE/BLACK/RED
38
WHITE/RED/BLUE
5
YELLOW
22
WHITE/BLACK/ORANGE
39
WHITE/RED/VIOLET
6
GREEN
23
WHITE/BLACK/YELLOW
40
WHITE/RED/SLATE
7
BLUE
24
WHITE/BLACK/GREEN
41
WHITE/ORANGE/YELLOW
8
VIOLET
25
WHITE/BLACK/BLUE
42
WHITE/ORANGE/GREEN
9
SLATE
26
WHITE/BLACK/VIOLET
43
WHITE/ORANGE/BLUE
10
WHITE
27
WHITE/BLACK/SLATE
44
WHITE/ORANGE/VIOLET
11
WHITE/BLACK
28
WHITE/BROWN/RED
45
WHITE/ORANGE/SLATE
12
WHITE/BROWN
29
WHITE/BROWN/ORANGE
46
WHITE/YELLOW/GREEN
13
WHITE/RED30
WHITE/BROWN/YELLOW
47
WHITE/YELLOW/BLUE
14
WHITE/ORANGE
31
WHITE/BROWN/GREEN
48
WHITE/YELLOW/VIOLET
15
WHITE/YELLOW
32
WHITE/BROWN/BLUE
49
WHITE/YELLOW/SLATE
16
WHITE/GREEN
33
WHITE/BROWN/VIOLET
50
WHITE/GREEN/BLUE
17
WHITE/BLUE34
WHITE/BROWN/SLATE
 
2) Cable Assembly
50 Components Cabled
 
a) Twists:
2.3 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Jacket
0.032" Wall, Nom.,PVC
0.429 (0.454 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5020/50C 50C 24 AWG
XTRAGUARD(R) 1 (UL) TYPE CM 105C SUN RES
OR AWM 2464 80C 300V OR AWM 2517 105C 300V
VW-1 --- LLXXXXXX CSA 105C TYPE CMG FT4
CE ROHS OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]
Applicable Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com