Electronic Components Datasheet Search
  English  ▼

X  

SNJ54LS00W Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54LS00W
Description  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LS00W Datasheet(HTML) 2 Page - Texas Instruments

  SNJ54LS00W Datasheet HTML 1Page - Texas Instruments SNJ54LS00W Datasheet HTML 2Page - Texas Instruments SNJ54LS00W Datasheet HTML 3Page - Texas Instruments SNJ54LS00W Datasheet HTML 4Page - Texas Instruments SNJ54LS00W Datasheet HTML 5Page - Texas Instruments SNJ54LS00W Datasheet HTML 6Page - Texas Instruments SNJ54LS00W Datasheet HTML 7Page - Texas Instruments SNJ54LS00W Datasheet HTML 8Page - Texas Instruments SNJ54LS00W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
www.ti.com
Product Folder Links: SN5400 SN54LS00 SN54S00 SN7400 SN74LS00 SN74S00
Submit Documentation Feedback
Copyright © 1983–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings: SN74LS00 .......................................... 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics: SNx400 ............................ 6
6.6
Electrical Characteristics: SNx4LS00 ....................... 6
6.7
Electrical Characteristics: SNx4S00 ......................... 6
6.8
Switching Characteristics: SNx400 ........................... 7
6.9
Switching Characteristics: SNx4LS00....................... 7
6.10
Switching Characteristics: SNx4S00....................... 7
6.11
Typical Characteristics ............................................ 8
7
Parameter Measurement Information .................. 9
7.1
Propagation Delays, Setup and Hold Times, and
Pulse Width ................................................................ 9
8
Detailed Description ............................................ 10
8.1
Overview ................................................................. 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 10
8.4
Device Functional Modes....................................... 10
9
Application and Implementation ........................ 11
9.1
Application Information............................................ 11
9.2
Typical Application .................................................. 11
10
Power Supply Recommendations ..................... 12
11
Layout................................................................... 13
11.1
Layout Guidelines ................................................. 13
11.2
Layout Example .................................................... 13
12
Device and Documentation Support ................. 14
12.1
Documentation Support ........................................ 14
12.2
Related Links ........................................................ 14
12.3
Receiving Notification of Documentation Updates 14
12.4
Community Resources.......................................... 14
12.5
Trademarks ........................................................... 14
12.6
Electrostatic Discharge Caution ............................ 14
12.7
Glossary ................................................................ 14
13
Mechanical, Packaging, and Orderable
Information ........................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (November 2016) to Revision D
Page
•
Changed Typical Application Diagram see Application and Implementation section............................................................. 1
Changes from Revision B (October 2003) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Changed Ordering Information table to Device Comparison Table; see Package Option Addendum at the end of the
data sheet ............................................................................................................................................................................... 1
•
Changed Package thermal impedance, RθJA, values in Thermal Information table From: 86°C/W To: 90.9°C/W (D),
From: 96°C/W To: 102.8°C/W (DB), From: 80°C/W To: 54.8°C/W (N), and From: 76°C/W To: 89.7°C/W (NS)................... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com