Electronic Components Datasheet Search
  English  ▼

X  

SN54LS00FK Datasheet(PDF) 12 Page - Texas Instruments

Part # SN54LS00FK
Description  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS00FK Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN54LS00FK Datasheet HTML 8Page - Texas Instruments SN54LS00FK Datasheet HTML 9Page - Texas Instruments SN54LS00FK Datasheet HTML 10Page - Texas Instruments SN54LS00FK Datasheet HTML 11Page - Texas Instruments SN54LS00FK Datasheet HTML 12Page - Texas Instruments SN54LS00FK Datasheet HTML 13Page - Texas Instruments SN54LS00FK Datasheet HTML 14Page - Texas Instruments SN54LS00FK Datasheet HTML 15Page - Texas Instruments SN54LS00FK Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Device
1
2
3
0
5
10
15
20
25
D001
TpLHmax D1 '00, D2 'LS00, D3 'S00
TpLHtyp D1 '00, D2 'LS00, D3 'S00
12
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
www.ti.com
Product Folder Links: SN5400 SN54LS00 SN54S00 SN7400 SN74LS00 SN74S00
Submit Documentation Feedback
Copyright © 1983–2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
CL = 15 pF
Figure 4. TPLH (Across Devices)
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
Recommended Operating Conditions for each of the SNx4LS00, SNx4S00, and SNx400 devices.
Each VCC pin must have a good bypass capacitor to prevent power disturbance. For devices with a single supply,
0.1 µF is recommended; if there are multiple VCC pins, then 0.01 µF or 0.022 µF is recommended for each power
pin. It is acceptable to parallel multiple bypass capacitors to reject different frequencies of noise. A 0.1 µF and a
1 µF are commonly used in parallel. The bypass capacitor must be installed as close to the power pin as
possible for best results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com