Electronic Components Datasheet Search
  English  ▼

X  

TIOL221 Datasheet(PDF) 24 Page - Texas Instruments

Part # TIOL221
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIOL221 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TIOL221 Datasheet HTML 20Page - Texas Instruments TIOL221 Datasheet HTML 21Page - Texas Instruments TIOL221 Datasheet HTML 22Page - Texas Instruments TIOL221 Datasheet HTML 23Page - Texas Instruments TIOL221 Datasheet HTML 24Page - Texas Instruments TIOL221 Datasheet HTML 25Page - Texas Instruments TIOL221 Datasheet HTML 26Page - Texas Instruments TIOL221 Datasheet HTML 27Page - Texas Instruments TIOL221 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
7.3.11 Interrupt Function
The interrupt is used to signal some of the critical events to the microcontroller via the INT pin in the SPI mode.
In the SPI mode, INT pin is a push-pull output stage. When an interrupt-generating event takes place, the INT
pin is pulled low.
Following events can generate interrupt and the corresponding bits are set in the interrupt register:
• Thermal Shutdown (TSD_INT)
• A valid wake-up pulse received on CQ (WU_INT)
• DO output overcurrent fault (DO_FAULT_INT)
• DO output overcurrent fault (CQ_FAULT_INT)
• LP falls below warning threshold (LPW_INT)
• V5IN falls below UVLO threshold (UV_V5_INT)
• Temperature reached above the thermal warning threshold (TEMP_WARN)
Individual interrupt events can be masked via INT_MASK register. When an interrupt is masked, that particular
event does not activate the INT pin. However, interrupt bit is set if the interrupt generating event occurs.
The interrupt bits are not cleared automatically when the interrupt generating event is no longer present. The
interrupt bit needs to be cleared explicitly by the microcontroller. The INT pin goes high when all interrupt bits are
cleared by the MCU (cleared on read) and the event does not persist. INT pin also goes high if all the interrupt
bits are masked. If the interrupt bits are unmasked and if any of the interrupt bits are still set, the INT pin goes
low again.
TIOL221
SLLSFS6 – SEPTEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com