Electronic Components Datasheet Search
  English  ▼

X  

OP27 Datasheet(PDF) 23 Page - Analog Devices

Part # OP27
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP27 Datasheet(HTML) 23 Page - Analog Devices

Back Button OP27 Datasheet HTML 16Page - Analog Devices OP27 Datasheet HTML 17Page - Analog Devices OP27 Datasheet HTML 18Page - Analog Devices OP27 Datasheet HTML 19Page - Analog Devices OP27 Datasheet HTML 20Page - Analog Devices OP27 Datasheet HTML 21Page - Analog Devices OP27 Datasheet HTML 22Page - Analog Devices OP27 Datasheet HTML 23Page - Analog Devices OP27 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
OP184/OP284/OP484
Rev. J | Page 23 of 24
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
OP184ES
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184ES-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184ES-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184ESZ
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184ESZ-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184ESZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184FS
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184FS-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184FS–REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184FSZ
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184FSZ-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP184FSZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284EP
−40°C to +125°C
8-Lead PDIP
P-Suffix (N-8)
OP284EPZ
−40°C to +125°C
8-Lead PDIP
P-Suffix (N-8)
OP284ES
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284ES-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284ES-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284ESZ
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284ESZ-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284ESZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284FS
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284FS-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284FS-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284FSZ
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284FSZ-REEL
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP284FSZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
S-Suffix (R-8)
OP484ES
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484ES-REEL
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484ESZ
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484ESZ-REEL
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484FPZ
−40°C to +125°C
14-Lead PDIP
P-Suffix (N-14)
OP484FS
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484FS-REEL
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484FS-REEL7
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484FSZ
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484FSZ-REEL
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
OP484FSZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
S-Suffix (R-14)
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com