Electronic Components Datasheet Search
  English  ▼

X  

7045 Datasheet(PDF) 1 Page - Alpha Wire

Part # 7045
Description  16 (26/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

7045 Datasheet(HTML) 1 Page - Alpha Wire

  7045 Datasheet HTML 1Page - Alpha Wire 7045 Datasheet HTML 2Page - Alpha Wire 7045 Datasheet HTML 3Page - Alpha Wire 7045 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 7045
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
16 (26/30) AWG Tinned Copper
0.055
b) Insulation
0.032" Wall, Nom. XLPE
0.119+/- 0.004
(1) Print
ALPHA WIRE-*
E163869 RU AWM 3271 125C 600V VW-1
LLXXXXX CSA CL-1251 FT1 X-LINK ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
(2) Color(s)
WHITE, BLACK, RED
Applicable Specifications
1) UL
AWM/STYLE 3271
125°C / 600/750DC VRMS
 
VW-1
 
2) CSA International
CL1251-XLPE
125°C / 600 VRMS
3) Military
MIL-W-16878E Type D
105°C / 3000 VRMS
Environmental


Similar Part No. - 7045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7045 ETC2-7045 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7045 ETC2-7045 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7045 ETC2-7045 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Keystone Electronics Co...
7045 KEYSTONE-7045 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Molex Electronics Ltd.
70450 MOLEX-70450 Datasheet
32Kb / 1P
SL™ Modular Connectors
02/16/2017
More results

Similar Description - 7045

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1344902 ETC2-1344902 Datasheet
98Kb / 3P
16 AWG stranded (19x29) tinned copper conductors, PVC insulation
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346630 ETC2-1346630 Datasheet
99Kb / 3P
16 AWG pairs stranded (19x29) tinned copper conductors
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
39116 ETC2-39116 Datasheet
100Kb / 2P
16 AWG stranded (26x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com