Electronic Components Datasheet Search
  English  ▼

X  

HPP13 Datasheet(PDF) 1 Page - Alpha Wire

Part # HPP13
Description  RoHS-Compliant Commencing With 1/1/2017 Production
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

HPP13 Datasheet(HTML) 1 Page - Alpha Wire

  HPP13 Datasheet HTML 1Page - Alpha Wire HPP13 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. HPP 13
Construction
1) Size
PG 13.5
2) Clamping Range (In)
-
3) Clamping Range (mm)
-
4) Thread Length (In)
.24
5) Thread Length (mm)
6
6) Color
Slate
6) Packing Unit
10
www.alphawire.com
Alpha Wire
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and
specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and
specifications does not ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express,
statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary) whatsoever, even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence
or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
ALPHA WIRE - CONFIDENTIAL AND PROPRIETARY Notice to persons receiving this document and/or technical information. This document
is confidential and is the exclusive property of ALPHA WIRE, and is merely on loan and subject to recall by ALPHA WIRE at any time. By
taking possession of this document, the recipient acknowledges and agrees that this document cannot be used in any manner adverse to
the interests of ALPHA WIRE, and that no portion of this document may be copied or otherwise reproduced without the prior written
consent of ALPHA WIRE. In the case of conflicting contractual provisions, this notice shall govern the status of this document. <br /><br />
©2019 ALPHA WIRE - all rights reserved.


Similar Part No. - HPP13

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
HPP13 ALPHAWIRE-HPP13_V01 Datasheet
402Kb / 2P
RoHS-Compliant Commencing With 1/1/2017 Production
More results

Similar Description - HPP13

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SWT6 BITECH-SWT6 Datasheet
199Kb / 5P
Tactile Switches 6X6 mm 1 Million Actuations RoHS Compliant
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
Micro Commercial Compon...
W06M-BP MCC-W06M-BP Datasheet
310Kb / 3P
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
logo
List of Unclassifed Man...
MC14701 ETC2-MC14701 Datasheet
203Kb / 1P
ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
logo
Diodes Incorporated
DMN61D8LQ DIODES-DMN61D8LQ Datasheet
510Kb / 7P
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Rev 1
logo
GeneSiC Semiconductor, ...
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
logo
Micro Commercial Compon...
TFR602G MCC-TFR602G_13 Datasheet
216Kb / 2P
Lead Free Finish/RoHS Compliant(Note 1)
logo
Bertech.
PPTA BERTECH-PPTA Datasheet
106Kb / 1P
1 Mil Polyimide Tape RoHS Compliant PPTA Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com