Electronic Components Datasheet Search
  English  ▼

X  

2N6387 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6387
Description  Plastic Medium-Power Silicon Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6387 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6387 Datasheet HTML 1Page - ON Semiconductor 2N6387 Datasheet HTML 2Page - ON Semiconductor 2N6387 Datasheet HTML 3Page - ON Semiconductor 2N6387 Datasheet HTML 4Page - ON Semiconductor 2N6387 Datasheet HTML 5Page - ON Semiconductor 2N6387 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N6387, 2N6388
http://onsemi.com
4
BONDING WIRE LIMITED
THERMALLY LIMITED @ TC = 100°C
SECOND BREAKDOWN LIMITED
20
1.0
Figure 5. Active-Region Safe Operating Area
2.0
0.03
10
20
80
TJ = 150°C
0.2
5.0
0.5
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
40
1.0
0.1
dc
2.0
60
4.0
6.0
50
ms
10
ms
CURVES APPLY BELOW RATED VCEO
5 ms
1 ms
50 ms
2N6387
2N6388
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150
_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure
4. At high case temperatures, thermal limitations will reduce
the power that can be handled to values less than the
limitations imposed by second breakdown
10,000
1.0
Figure 6. Small−Signal Current Gain
f, FREQUENCY (kHz)
10
2.0
5.0
10
20
50
100
200
1000
500
300
100
5000
20
3000
200
500
2000
1000
30
50
TC = 25°C
VCE = 4.0 Vdc
IC = 3.0 Adc
300
0.1
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
1.0
2.0
5.0
20
100
10
200
100
70
50
Cib
Cob
50
0.2
0.5
TJ = 25°C
0.1
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5 0.7
1.0
2.0
10
500
300
TJ = 150°C
25
°C
-55
°C
VCE = 4.0 V
200
7.0
20,000
5000
10,000
3000
2000
1000
3.0
5.0
Figure 9. Collector Saturation Region
3.0
IB, BASE CURRENT (mA)
0.3
0.5
1.0
2.0 3.0
5.0 7.0
30
2.6
2.2
1.8
1.4
IC = 2.0 A
TJ = 25°C
4.0 A
6.0 A
1.0
0.7
20
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com