Electronic Components Datasheet Search
  English  ▼

X  

BCV26 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BCV26
Description  PNP Darlington Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCV26 Datasheet(HTML) 1 Page - ON Semiconductor

  BCV26 Datasheet HTML 1Page - ON Semiconductor BCV26 Datasheet HTML 2Page - ON Semiconductor BCV26 Datasheet HTML 3Page - ON Semiconductor BCV26 Datasheet HTML 4Page - ON Semiconductor BCV26 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 1997
October, 2023 − Rev. 2
1
Publication Order Number:
BCV26/D
PNP Darlington Transistor
BCV26
Description
This device is designed for applications requiring extremely high
current gain at collector currents to 800 mA. Sourced from Process 61.
ABSOLUTE MAXIMUM RATINGS
(TA = 25°C unless otherwise noted.) (Notes 1, 2, 3)
Symbol
Parameter
Value
Unit
VCEO
Collector−Emitter Voltage
30
V
VCBO
Collector−Base Voltage
40
V
VEBO
Emitter−Base Voltage
10
V
IC
Collector Current − Continuous
1.2
A
TJ, TSTG
Operating and Storage Junction
Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. These ratings are based on a maximum junction temperature of 150°C.
2. These are steady−state limits. onsemi should be consulted on applications
involving pulsed or low−duty−cycle operations.
3. All voltages (V) and currents (A) are negative polarity for PNP transistors.
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise noted.) (Note 4)
Symbol
Parameter
Max
Unit
PD
Total Device Dissipation
350
mW
Derate Above 25°C
2.8
mW/_C
RθJA
Thermal Resistance,
Junction−to−Ambient
357
_C/W
4. Device mounted on FR−4 PCB 40 mm x 40 mm x 1.5 mm.
SOT−23
CASE 318
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
BCV26
SOT−23
(Pb−Free,
Halide Free)
3,000 /
Tape & Reel
1. Base
2. Emitter
3. Collector
1
FDM G
G
FD = Specific Device Code
M
= Date Code
G
= Pb−Free Package
2
3
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
(Note: Microdot may be in either location)


Similar Part No. - BCV26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV26 PHILIPS-BCV26 Datasheet
43Kb / 8P
PNP Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV26 ZETEX-BCV26 Datasheet
49Kb / 1P
PNP SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
PNP Darlington Transistor
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26 Datasheet
49Kb / 5P
PNP Silicon Darlington Transistors
Jul-13-2001
More results

Similar Description - BCV26

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
PNP Darlington transistor
1999 Apr 13
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
PNP (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
PNP Darlington Transistor
logo
NXP Semiconductors
BSR62 NXP-BSR62 Datasheet
119Kb / 7P
PNP Darlington transistor
2004 Nov 11
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
PNP Darlington Transistor
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
Darlington Transistor (PNP)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com