Electronic Components Datasheet Search
  English  ▼

X  

BSP52T3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BSP52T3G
Description  NPN Small-Signal Darlington Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSP52T3G Datasheet(HTML) 2 Page - ON Semiconductor

  BSP52T3G Datasheet HTML 1Page - ON Semiconductor BSP52T3G Datasheet HTML 2Page - ON Semiconductor BSP52T3G Datasheet HTML 3Page - ON Semiconductor BSP52T3G Datasheet HTML 4Page - ON Semiconductor BSP52T3G Datasheet HTML 5Page - ON Semiconductor BSP52T3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BSP52T1G, BSP52T3G, SBSP52T1G
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
(IC = 100 mA, IE = 0)
V(BR)CBO
90
−
−
V
Emitter-Base Breakdown Voltage
(IE = 10 mA, IC = 0)
V(BR)EBO
5.0
−
−
V
Collector-Emitter Cutoff Current
(VCE = 80 V, VBE = 0)
ICES
−
−
10
mA
Emitter-Base Cutoff Current
(VEB = 4.0 V, IC = 0)
IEBO
−
−
10
mA
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 150 mA, VCE = 10 V)
(IC = 500 mA, VCE = 10 V)
hFE
1000
2000
−
−
−
−
−
Collector-Emitter Saturation Voltage
(IC = 500 mA, IB = 0.5 mA)
VCE(sat)
−
−
1.3
V
Base-Emitter Saturation Voltage
(IC = 500 mA, IB = 0.5 mA)
VBE(sat)
−
−
1.9
V
SWITCHING CHARACTERISTICS
Rise Time
(VCC = 10 V, IC = 150 mA, IB1 = 0.15 mA)
tr
−
155
−
ns
Delay Time
(VCC = 10 V, IC = 150 mA, IB1 = 0.15 mA)
td
−
205
−
ns
Storage Time
(VCC = 10 V, IC = 150 mA, IB1 = 0.15 mA, IB2 = 0.15 mA)
ts
−
420
−
ns
Fall Time
(VCC = 10 V, IC = 150 mA, IB1 = 0.15 mA, IB2 = 0.15 mA)
tf
−
365
−
ns
3. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2.0%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com