Electronic Components Datasheet Search
  English  ▼

X  

MJF127 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MJF127
Description  Complementary Power Darlingtons For Isolated Package Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF127 Datasheet(HTML) 4 Page - ON Semiconductor

  MJF127 Datasheet HTML 1Page - ON Semiconductor MJF127 Datasheet HTML 2Page - ON Semiconductor MJF127 Datasheet HTML 3Page - ON Semiconductor MJF127 Datasheet HTML 4Page - ON Semiconductor MJF127 Datasheet HTML 5Page - ON Semiconductor MJF127 Datasheet HTML 6Page - ON Semiconductor MJF127 Datasheet HTML 7Page - ON Semiconductor MJF127 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJF122, MJF127
www.onsemi.com
4
Figure 6. Typical Small−Signal Current Gain
f, FREQUENCY (kHz)
70
300
30
200
100
50
TC = 25C
VCE = 4 Vdc
IC = 3 Adc
Figure 7. Typical Capacitance
10,000
VR, REVERSE VOLTAGE (VOLTS)
Cib
Cob
0.1
200
100
1000
500
300
10
30
100
5
1
0.5
2000
3000
5000
10
50
0.2
2
20
TJ = 25C
IC, COLLECTOR CURRENT (AMP)
NPN
MJF122
PNP
MJF127
Figure 8. Typical DC Current Gain
0.1
IC, COLLECTOR CURRENT (AMP)
200
0.2
0.5
3000
1000
10,000
VCE = 4 V
TJ = 150C
5000
0.3
1
25
C
-55
C
2000
0.7
3
20,000
300
500
510
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5 0.7
10
25
IC = 2 A
4 A
1
6 A
TJ = 25C
3
1
20
30
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
3
1
Figure 9. Typical Collector Saturation Region
PNP
NPN
PNP
NPN
1
1000
50
10
5
100
500
2
20
200
20
50
200
3000
1000
10,000
5000
2000
20,000
300
500
2
7
0.1
0.2
0.5
0.3
1
0.7
3
5
10
27
VCE = 4 V
TJ = 150C
25
C
-55
C
IC = 2 A
4 A
6 A
700
7000
3
7
0.3
0.5 0.7
10
25
120
30
37
TJ = 25C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com