Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVT
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73201DBVT Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS73201DBVT Datasheet HTML 21Page - Texas Instruments TPS73201DBVT Datasheet HTML 22Page - Texas Instruments TPS73201DBVT Datasheet HTML 23Page - Texas Instruments TPS73201DBVT Datasheet HTML 24Page - Texas Instruments TPS73201DBVT Datasheet HTML 25Page - Texas Instruments TPS73201DBVT Datasheet HTML 26Page - Texas Instruments TPS73201DBVT Datasheet HTML 27Page - Texas Instruments TPS73201DBVT Datasheet HTML 28Page - Texas Instruments TPS73201DBVT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
NR/FB
EN
1
2
3
4
8
7
6
5
GND PLANE
GND PLANE
CIN
COUT
R
1
R
2
C
FF
N/C
N/C
N/C
VOUT
VIN
TPS73601DRB
Figure 7-12. Adjustable Output Voltage Option Layout (DRB Package)
GND
EN
VOUT
VIN
GND
1
2
3
5
4
CIN
COUT
CNR
Figure 7-13. Layout Example for the DBV Package Fixed Version
www.ti.com
TPS732
SBVS037Q – AUGUST 2003 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com