Electronic Components Datasheet Search
  English  ▼

X  

TPS92201DRVR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS92201DRVR
Description  TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201DRVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS92201DRVR Datasheet HTML 1Page - Texas Instruments TPS92201DRVR Datasheet HTML 2Page - Texas Instruments TPS92201DRVR Datasheet HTML 3Page - Texas Instruments TPS92201DRVR Datasheet HTML 4Page - Texas Instruments TPS92201DRVR Datasheet HTML 5Page - Texas Instruments TPS92201DRVR Datasheet HTML 6Page - Texas Instruments TPS92201DRVR Datasheet HTML 7Page - Texas Instruments TPS92201DRVR Datasheet HTML 8Page - Texas Instruments TPS92201DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 6
7 Detailed Description........................................................7
7.1 Overview..................................................................... 7
7.2 Functional Block Diagram........................................... 7
7.3 Feature Description.....................................................7
7.4 Device Functional Modes............................................9
8 Application and Implementation.................................. 10
8.1 Application Information............................................. 10
8.2 Typical Application.................................................... 10
8.3 Power Supply Recommendations.............................15
8.4 Layout....................................................................... 15
9 Device and Documentation Support............................16
9.1 Device Support......................................................... 16
9.2 Documentation Support............................................ 16
9.3 Receiving Notification of Documentation Updates....16
9.4 Support Resources................................................... 16
9.5 Trademarks...............................................................16
9.6 Electrostatic Discharge Caution................................16
9.7 Glossary....................................................................16
10 Revision History.......................................................... 17
11 Mechanical, Packaging, and Orderable
Information.................................................................... 18
4 Device Comparison Table
PART NUMBER
MATERIAL
POWER SAVE MODE
PACKAGE
TPS92200
TPS92201DRVR
No
WSON-6
TPS92201MDRVR(1)
TPS92201DRLR
SOT563-6
TPS92201MDRLR(1)
TPS92201A
TPS92201ADRVR
Yes
WSON-6
TPS92201AMDRVR(1)
TPS92201ADRLR
SOT563-6
TPS92201AMDRLR(1)
(1)
Extended Temperature devices, supporting –55°C to approximately 125°C operating ambient temperature.
TPS92201, TPS92201A
SLVSH40B – NOVEMBER 2023 – REVISED AUGUST 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com