Electronic Components Datasheet Search
  English  ▼

X  

TPS92201DRLR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS92201DRLR
Description  TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201DRLR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS92201DRLR Datasheet HTML 9Page - Texas Instruments TPS92201DRLR Datasheet HTML 10Page - Texas Instruments TPS92201DRLR Datasheet HTML 11Page - Texas Instruments TPS92201DRLR Datasheet HTML 12Page - Texas Instruments TPS92201DRLR Datasheet HTML 13Page - Texas Instruments TPS92201DRLR Datasheet HTML 14Page - Texas Instruments TPS92201DRLR Datasheet HTML 15Page - Texas Instruments TPS92201DRLR Datasheet HTML 16Page - Texas Instruments TPS92201DRLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
8.2.3 Application Performance Curves
VIN = 5V, VOUT = 1.8V, L = 2.2μH, TA = 25°C, unless otherwise noted.
DUTY(%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
VIN = 2.7V
VIN = 3.6V
VIN = 5.5V
Iset = 1.5A
L = 2.2μH
1 IRLED
Figure 8-2. 1 IRLED Output Efficiency
DUTY(%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
VIN = 3.6V
VIN = 5.5V
Iset = 1.5A
L = 2.2μH
2 IRLED
Figure 8-3. 2 IRLED Output Efficiency
DUTY(%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
1 IRLED
2 IRLED
VIN = 3.6V
Iset = 1.5A
L = 2.2μH
Figure 8-4. Output Efficiency at 3.6V Input Voltage
DUTY(%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
1 IRLED
2 IRLED
VIN = 5.5V
Iset = 1.5A
L = 2.2μH
Figure 8-5. Output Efficiency at 5.5V Input Voltage
VOUT
1V/div
Inductor Current
500mA/div
1.5A o set
SW
5V/div
20us/div
VIN = 5V
Iset = 1.5A
Figure 8-6. Vout short to GND protection
VOUT
5V/div
Inductor Current
1A/div
SW
5V/div
100us/div
VIN = 5V
Iset = 1.5A
Figure 8-7. Vout Open Protection
www.ti.com
TPS92201, TPS92201A
SLVSH40B – NOVEMBER 2023 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com