Electronic Components Datasheet Search
  English  ▼

X  

FSB1014-122 Datasheet(PDF) 3 Page - ECM Electronics Limited.

Part # FSB1014-122
Description  Shielded Radial Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

FSB1014-122 Datasheet(HTML) 3 Page - ECM Electronics Limited.

  FSB1014-122 Datasheet HTML 1Page - ECM Electronics Limited. FSB1014-122 Datasheet HTML 2Page - ECM Electronics Limited. FSB1014-122 Datasheet HTML 3Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ECM Shielded Radial Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(mH)
Tol
%
Q Min.
(**MHz)
RDC
MAX
(
Ω
Ω)
IDC
IN
(mA)
FSB1014 Series
FSB1014-102
1.0 @0.252 MHz
J,K
15
2.00
270
FSB1014-122
1.2 @0.252 MHz
J,K
15
2.30
250
FSB1014-152
1.5 @0.252 MHz
J,K
15
2.70
220
FSB1014-182
1.8 @0.252 MHz
J,K
15
3.00
220
FSB1014-222
2.2 @0.252 MHz
J,K
15
3.80
200
FSB1014-272
2.7 @0.252 MHz
J,K
15
4.50
180
FSB1014-332
3.3 @0.252 MHz
J,K
20
6.00
160
FSB1014-392
3.9 @0.252 MHz
J,K
20
7.80
120
FSB1014-472
4.7 @0.252 MHz
J,K
20
10.50
120
FSB1014-562
5.6 @0.252 MHz
J,K
20
11.00
100
FSB1014-682
6.8 @0.252 MHz
J,K
20
11.80
100
FSB1014-822
8.2 @0.252 MHz
J,K
20
13.20
100
FSB1014-103
10 @0.252 MHz
J,K
60
17.60
90
FSB1014-123
12 @0.079 MHz
J,K
60
22.50
75
FSB1014-153
15 @0.079 MHz
J,K
60
25.00
75
FSB1014-183
18 @0.079 MHz
J,K
60
32.00
60
FSB1014-223
22 @0.079 MHz
J,K
60
36.00
60
FSB1014-273
27 @0.079 MHz
J,K
60
46.00
50
FSB1014-333
33 @0.079 MHz
J,K
60
54.00
50
FSB1014-393
39 @0.079 MHz
J,K
45
72.00
40
FSB1014-473
47 @0.079 MHz
J,K
45
76.00
40
FSB1014-563
56 @0.079 MHz
J,K
45
89.00
40
FSB1014-683
68 @0.079 MHz
J,K
30
123.00
30
FSB1014-823
82 @0.079 MHz
J,K
30
135.00
30
FSB1014-104
100 @0.025 MHz
J,K
45
205.00
20
FSB1014-124
120 @0.025 MHz
J,K
45
228.00
20
TOLERANCES J=5%; K= 10%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com