Electronic Components Datasheet Search
  English  ▼

X  

VFT8 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # VFT8
Description  Micro Miniature OCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

VFT8 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  VFT8 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Micro Miniature OCXO
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
ECM VFT8 Series
Parameter
VFT8
Frequency Range
4.80 to 50.0MHz
Frequency Stability
+/-100ppb max
5ppb max
vs Temp
vs Supply
Aging per Day
Per Year
5E-10
1E-7
After 30Days
Allan Variance
1E-11
0.1s to 10s
SSB Phase Noise
10Hz
100Hz
10kHz
-120dBc/Hz
-145dBc/Hz
-160dBc/Hz
Retrace
+/-20ppb max
After 30 mins
G-sensitivity
+/-1ppb/G max
Worst Direction
Input Voltage
5V +/-5%
12V Option
Input Current (Typ)
Steady state 25
0C
Steady State -30
0C
Start up Current
Vcc 5V
Vcc12V
25 mA
12 mA
70 mA
35 mA
100 mA
200 mA
35 / 20 max
Load
10K ohm //15pF
Warm-up Time
35s typ to 0.1ppm
20s Vcc 12V
Output Waveform
3.3V HCMOS /TTL Compatible
Control Voltage
0V to 4.1V
Pulling Range
+/-0.5ppm to +/-1ppm
from nominal
Deviation Slope
0.4ppm/V
monotonic positive
Setability
1.0V min 3.0V max
@ 25
0C Fnom
§ Smallest OCXO Available
§ Extremely Low Power Consumption
§ Very Fast Warm-up
§ Low Phase Noise
§ Low Aging
§ Surface Mount Option (VFT8SM)
A
B
C
D
E
F
G
H
12.7
9.27
14.3
10.9
6.35
7.62
15.2
7.62
Dimensions in mm
Pin
1
2
3
4
5
6/7
8
Vc
Vref
Tristate
Case
Gnd
O/P
N/C
Vcc
Temperature
A=
0
0C to 500C
B=
-10
0C to 600C
C=
0
0C to 700C
D=
-20
0C to 700C
E=
-30
0C to 700C
F=
-45
0C to 850C
Stability
17=
1x10
-7
58=
5x10
-8
28=
2x10
-8
18=
1x10
-8
59=
5x10
-9
YZ
Yx10
-z
Aging
L=
1x10
-9/Day
S=
5x10
-10/Day
P=
2x10
-10/Day
Supply
5=
5V
2=
12V
Frequency
VFT8H A 17 L
2 10.0M


Similar Part No. - VFT8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
Micro Miniature OCXO
logo
Advanced Semiconductor
VFT80-28 ASI-VFT80-28 Datasheet
18Kb / 1P
VHF POWER MOSFET N-Channel Enhancement Mode
logo
XP Power Limited
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
VFT80US12 XPPOWER-VFT80US12 Datasheet
517Kb / 2P
Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
VFT80US15 XPPOWER-VFT80US15 Datasheet
517Kb / 2P
Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
More results

Similar Description - VFT8

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OC-X87XXXXX NEL-OC-X87XXXXX Datasheet
43Kb / 3P
Micro-miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
Micro Miniature OCXO
logo
Advanced XTAL Products
AXIOM30S AXTAL-AXIOM30S Datasheet
245Kb / 2P
OCXO Miniature size with Stratum 3E stability
2005-07-15
AXIOM60 AXTAL-AXIOM60 Datasheet
54Kb / 2P
Miniature OCXO with Stratum III stability option
2005-07-15
logo
CTS Corporation
1914 CTS-1914 Datasheet
199Kb / 5P
Miniature OCXO
logo
Adam Technologies, Inc.
DB25-SG-22 ADAM-TECH-DB25-SG-22 Datasheet
87Kb / 1P
MICRO MINIATURE CONNECTOR
DE09-SG-22 ADAM-TECH-DE09-SG-22 Datasheet
89Kb / 1P
MICRO MINIATURE CONNECTOR
logo
Advanced XTAL Products
AXIOM30-15 AXTAL-AXIOM30-15 Datasheet
87Kb / 2P
High Stability Miniature OCXO with HCMOS Output
AXIOM37-8 AXTAL-AXIOM37-8 Datasheet
102Kb / 4P
Low Power Miniature OCXO in DIL8 package
logo
Raltron Electronics Cor...
OX2551A RALTRON-OX2551A Datasheet
34Kb / 2P
Miniature OCXO in modified CO-15 package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com