Electronic Components Datasheet Search
  English  ▼

X  

ZTA Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # ZTA
Description  Electronics Ceramic Resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

ZTA Datasheet(HTML) 1 Page - ECM Electronics Limited.

  ZTA Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ECM Electronics Ceramic Resonator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: sales@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ZTA Series
Dimensions in mm
Series
Frequency
Range
Frequency
Tolerance
ESR
Temperature
Tolerance
Aging
ZTA--.—MG-
2.00 – 2.99MHz
+ 0.5%
80
Ω
+ 0.3%
+ 0.3%
ZTA--.—MG-
3.00 – 3.49MHz
+ 0.5%
50
Ω
+ 0.3%
+ 0.3%
ZTA--.—MG-
3.50 – 8.00MHz
+ 0.5%
30
Ω
+ 0.3%
+ 0.3%
ZTA--.--MT
5.00 – 6.99MHz
+ 0.5%
30
Ω
+ 0.3%
+ 0.3%
ZTA--.--MT
7.00 – 13.00MHz
+ 0.5%
25
Ω
+ 0.3%
+ 0.3%
ZTA--.--MX
13.01 – 50.00MHz
+ 0.5%
30
Ω
+ 0.3%
+ 0.3%
Fast Delivery
Tape & Reel or Bulk Packaging
Highly Competitive Prices for Volume Users
2.00000MHz to 50.00MHz
Series
A
B
C
D
E
F
MG
10.00 5.00 7.50
5.00 0.25
5.00
MT
10.00 5.00 10.00 5.00 0.25
5.00
MX
10.00 5.00 10.00 5.00 0.25
5.00


Similar Part No. - ZTA

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTA AURIS-ZTA Datasheet
147Kb / 1P
Resonator THT, 2 Pin
logo
List of Unclassifed Man...
ZTA ETC2-ZTA Datasheet
162Kb / 1P
CERAMIC RESONATOR
ZTA ETC2-ZTA Datasheet
61Kb / 1P
2.000MHz to 25.000MHz
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTA AEL-ZTA Datasheet
155Kb / 1P
Ceramic Resonators
More results

Similar Description - ZTA

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ZTAC ECM-ZTAC Datasheet
95Kb / 1P
Electronics Ceramic Resonator
ZTACS ECM-ZTACS Datasheet
99Kb / 1P
Electronics Ceramic Resonator
ZTB ECM-ZTB Datasheet
98Kb / 1P
Electronics Ceramic Resonator
ZTBF ECM-ZTBF Datasheet
96Kb / 1P
Electronics Ceramic Resonator
ZTT ECM-ZTT Datasheet
99Kb / 1P
Electronics Ceramic Resonator
ZTTC ECM-ZTTC Datasheet
96Kb / 1P
Electronics Ceramic Resonator
ZTTCS ECM-ZTTCS Datasheet
98Kb / 1P
Electronics Ceramic Resonator
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
logo
Shoulder Electronics Li...
ZTACV_MT SHOULDER-ZTACV_MT Datasheet
190Kb / 5P
CERAMIC RESONATOR
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
Ceramic Resonator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com