Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 12 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD841 Datasheet HTML 8Page - Analog Devices AD841 Datasheet HTML 9Page - Analog Devices AD841 Datasheet HTML 10Page - Analog Devices AD841 Datasheet HTML 11Page - Analog Devices AD841 Datasheet HTML 12Page - Analog Devices AD841 Datasheet HTML 13Page - Analog Devices AD841 Datasheet HTML 14Page - Analog Devices AD841 Datasheet HTML 15Page - Analog Devices AD841 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD841
Data Sheet
Rev. C | Page 12 of 16
TERMINATED LINE DRIVER
The AD841 functions very well as a high speed line driver of
either terminated or unterminated cables. Figure 33 shows the
AD841 driving a doubly terminated cable in a follower config-
uration. The AD841 maintains a typical slew rate of 300 V/µs,
which means it can drive a ±10 V, 4.7 MHz signal or a ±3 V,
15.9 MHz signal.
The termination resistor, RT, (when equal to the characteristic
impedance of the cable) minimizes reflections from the far end
of the cable. A back-termination resistor, RBT, (also equal to the
characteristic impedance of the cable) may be placed between
the AD841 output and the cable to damp any stray signals
caused by a mismatch between RT and the cable’s characteristic
impedance. This results in a cleaner signal, but because half the
output voltage is dropped across RBT, the op amp must supply
double the output signal required if there is no back termina-
tion. Therefore, the full power bandwidth is cut in half.
If termination is not used, cables appear as capacitive loads. If
this capacitive load is large, it should be decoupled from the
AD841 by a resistor in series with the output (see Figure 32).
Figure 33. Line Driver Configuration
OVERDRIVE RECOVERY
Figure 34 shows the overdrive recovery capability of the AD841.
Typical recovery time is 200 ns from negative overdrive and
700 ns from positive overdrive.
Figure 34. Overdrive Recovery
Figure 35. Overdrive Recovery Test Circuit
11
6
4
5
10
–
+
AD841
+VS
–VS
2.2µF
0.1µF
2.2µF
0.1µF
TERMINATION
RESISTOR
FOR INPUT
SIGNAL
RB
100Ω
VIN
RBT
(OPTIONAL)
RT
VOUT
50Ω OR
75Ω CABLE
RT = RBT = CABLE CHARACTERISTIC IMPEDANCE
100
90
10
0%
10V
200ns
1V
OVERDRIVEN
OUTPUT: 10V/DIV
INPUT SQUARE
WAVE: 1V/DIV
11
6
4
5
10
–
+
AD841
+VS
–VS
2.2µF
0.1µF
2.2µF
0.1µF
OUTPUT
1kΩ
50Ω
HP3314A
PULSE GENERATOR
OR EQUIVALENT
1µs ± 1V SQUARE
WAVE INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com