Electronic Components Datasheet Search
  English  ▼

X  

AD8002ARM-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8002ARM-EBZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARM-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8002ARM-EBZ Datasheet HTML 5Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 6Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 7Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 8Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 9Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 10Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 11Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 12Page - Analog Devices AD8002ARM-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Data Sheet
AD8002
Rev. E | Page 9 of 21
FREQUENCY (Hz)
–40
–50
–110
100M
10k
100k
1M
10M
–70
–80
–100
–60
–90
G = +1
RL = 1kΩ
SECOND HARMONIC
THIRD HARMONIC
Figure 18. Distortion vs. Frequency, G = +1, RL = 1 kΩ
0
–3
–27
–18
–21
–24
–15
–12
–9
–6
–3
–18
–21
–15
–12
–9
–6
FREQUENCY (Hz)
6
3
0
1M
10M
100M
500M
G = +2
RF = 681Ω
VS = ±5V
RL = 100Ω
Figure 19. Large Signal Frequency Response, G = +2
9
6
–21
–12
–15
–18
3
–9
–6
–3
0
FREQUENCY (Hz)
1M
10M
100M
500M
G = +1
RF = 1.21Ω
RL = 100Ω
Figure 20. Large Signal Frequency Response, G = +1 (See Figure 43)
25
10
–5
1M
0
5
15
20
FREQUENCY (Hz)
1G
100M
10M
45
30
35
40
G = +100
G = +10
RL = 100Ω
RF = 1000Ω
RF = 499Ω
VS = ±5.0V
Figure 21. Frequency Response, G = +10, G = +100
OUTPUT
ERROR,
(0.05%/DIV)
INPUT
10ns
400mV
G = +2
2V STEP
RF = 750Ω
RC = 75Ω
Figure 22. Short Term Settling Time
3.4
2.5
125
2.7
2.6
–35
–55
2.8
2.9
3.0
3.1
3.2
3.3
105
85
65
45
25
5
–15
JUNCTION TEMPERATURE (°C)
RL = 150Ω
RL = 50Ω
VS = ±5V
+VOUT
+VOUT
|–VOUT|
|–VOUT|
VS = ±5V
Figure 23. Output Swing vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com