Electronic Components Datasheet Search
  English  ▼

X  

AD8057ACHIPS Datasheet(PDF) 13 Page - Analog Devices

Part # AD8057ACHIPS
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ACHIPS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8057ACHIPS Datasheet HTML 8Page - Analog Devices AD8057ACHIPS Datasheet HTML 9Page - Analog Devices AD8057ACHIPS Datasheet HTML 10Page - Analog Devices AD8057ACHIPS Datasheet HTML 11Page - Analog Devices AD8057ACHIPS Datasheet HTML 12Page - Analog Devices AD8057ACHIPS Datasheet HTML 13Page - Analog Devices AD8057ACHIPS Datasheet HTML 14Page - Analog Devices AD8057ACHIPS Datasheet HTML 15Page - Analog Devices AD8057ACHIPS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD8057/AD8058
APPLICATIONS INFORMATION
DRIVING CAPACITIVE LOADS
When driving a capacitive load, most op amps exhibit overshoot in
their pulse response. Figure 43 shows the relationship between
the capacitive load that results in 30% overshoot and the closed-
loop gain of an AD8058. It can be seen that, under the gain = +2
condition, the device is stable with capacitive loads of up to 69 pF.
In general, to minimize peaking or to ensure device stability for
larger values of capacitive loads, a small series resistor (RS) can
be added between the op amp output and the load capacitor
(CL) as shown in Figure 44.
For the setup shown in Figure 44, the relationship between RS
and CL was empirically derived and is shown in Table 4.
CLOSED-LOOP GAIN
500
400
0
5
1
2
3
4
300
200
100
RS = 2.4Ω
RS = 0Ω
Figure 43. Capacitive Load Drive vs. Closed-Loop Gain
–2.5V
RG
RF
RS
CL
VIN = 200mV p-p
AD8058
0.1µF
10µF
0.1µF
10µF
+2.5V
VOUT
FET PROBE
Figure 44. Capacitive Load Drive Circuit
Table 4. Recommended Value for Resistors RS, RF, RG vs.
Capacitive Load, CL, Which Results in 30% Overshoot
Gain
RF
RG
CL (RS = 0 Ω)
CL (RS = 2.4 Ω)
1
100 Ω
11 pF
13 pF
2
100 Ω
100 Ω
51 pF
69 pF
3
100 Ω
50 Ω
104 pF
153 pF
4
100 Ω
33.2 Ω
186 pF
270 pF
5
100 Ω
25 Ω
245 pF
500 pF
10
100 Ω
11 Ω
870 pF
1580 pF
50ns/DIV
100mV
–100mV
200mV
–200mV
+OVERSHOOT
29.0%
100mV/DIV
Figure 45. Typical Pulse Response with CL = 65 pF, Gain = +2, and VS = ±2.5
VIDEO FILTER
Some composite video signals that are derived from a digital
source contain some clock feedthrough that can cause problems
with downstream circuitry. This clock feedthrough is usually at
27 MHz, which is a standard clock frequency for both NTSC
and PAL video systems. A filter that passes the video band and
rejects frequencies at 27 MHz can be used to remove these fre-
quencies from the video signal.
Figure 46 shows a circuit that uses an AD8057 to create a single
5 V supply, 3-pole Sallen-Key filter. This circuit uses a single RC
pole in front of a standard 2-pole active section. To shift the dc
operating point to midsupply, ac coupling is provided by R4, R5,
and C4.
2
3
0.1µF
+
10µF
AD8057
7
4
6
+5V
+5V
R4
10kΩ
R5
10kΩ
C4
0.1µF
R3
49.9Ω
R2
499Ω
C1
100pF
R1
200Ω
RF
1kΩ
C2
680pF
C3
36pF
Figure 46. Low-Pass Filter for Video
Rev. E | Page 13 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com