Electronic Components Datasheet Search
  English  ▼

X  

ADA4850-2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4850-2
Description  High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-2 Datasheet(HTML) 2 Page - Analog Devices

  ADA4850-2 Datasheet HTML 1Page - Analog Devices ADA4850-2 Datasheet HTML 2Page - Analog Devices ADA4850-2 Datasheet HTML 3Page - Analog Devices ADA4850-2 Datasheet HTML 4Page - Analog Devices ADA4850-2 Datasheet HTML 5Page - Analog Devices ADA4850-2 Datasheet HTML 6Page - Analog Devices ADA4850-2 Datasheet HTML 7Page - Analog Devices ADA4850-2 Datasheet HTML 8Page - Analog Devices ADA4850-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADA4850-1/ADA4850-2
Data Sheet
Rev. D | Page 2 of 14
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configurations ........................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Specifications with +3 V Supply................................................. 3
Specifications with +5 V Supply................................................. 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution...................................................................................5
Typical Performance Characteristics ..............................................6
Circuit Description......................................................................... 12
Headroom and Overdrive Recovery Considerations ............ 12
Operating the ADA4850-1/ADA4850-2 on Bipolar Supplies
....................................................................................................... 13
Power-Down Pins....................................................................... 13
Outline Dimensions....................................................................... 14
Ordering Guide .......................................................................... 14
REVISION HISTORY
5/16—Rev. C to Rev. D
Change CP-8-2 to CP-8-13 and CP-16-3 to CP-16-21 ..Throughout
Changes to Figure 1 and Figure 2................................................... 1
Updated Outline Dimensions....................................................... 14
Changes to Ordering Guide .......................................................... 14
5/12—Rev. B to Rev. C
Added Exposed Pat Notation to Figure 1 and Figure 2............... 1
Changes to Table 4 and Figure 4..................................................... 5
Added Exposed Pad Notation to Outline Dimensions ............. 14
Changes to Ordering Guide .......................................................... 14
12/07—Rev. A to Rev. B
Changes to Applications .................................................................. 1
Updated Outline Dimensions....................................................... 14
Changes to Ordering Guide .......................................................... 14
4/05—Rev. 0 to Rev. A
Added ADA4850-1.............................................................Universal
Added 8-Lead LFCSP.........................................................Universal
Changes to Features ..........................................................................1
Changes to General Description .....................................................1
Changes to Figure 3...........................................................................1
Changes to Table 1.............................................................................3
Changes to Table 2.............................................................................4
Changes to Power-Down Pins Section and Table 5................... 13
Updated Outline Dimensions....................................................... 14
Changes to Ordering Guide.......................................................... 14
2/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com