Electronic Components Datasheet Search
  English  ▼

X  

OP1177 Datasheet(PDF) 17 Page - Analog Devices

Part # OP1177
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP1177 Datasheet(HTML) 17 Page - Analog Devices

Back Button OP1177 Datasheet HTML 13Page - Analog Devices OP1177 Datasheet HTML 14Page - Analog Devices OP1177 Datasheet HTML 15Page - Analog Devices OP1177 Datasheet HTML 16Page - Analog Devices OP1177 Datasheet HTML 17Page - Analog Devices OP1177 Datasheet HTML 18Page - Analog Devices OP1177 Datasheet HTML 19Page - Analog Devices OP1177 Datasheet HTML 20Page - Analog Devices OP1177 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
OP1177/OP2177/OP4177
Rev. I | Page 17 of 24
OP1177
6
7
2
3
4
V+
V–
VOUT
RS
+
–
400mV
CS
CL
Figure 58. Snubber Network Configuration
Caution: The snubber technique cannot recover the loss of
bandwidth induced by large capacitive loads.
STRAY INPUT CAPACITANCE COMPENSATION
The effective input capacitance in an operational amplifier
circuit (Ct) consists of three components. These are the internal
differential capacitance between the input terminals, the internal
common-mode capacitance of each input to ground, and the
external capacitance including parasitic capacitance. In the
circuit in Figure 59, the closed-loop gain increases as the signal
frequency increases.
The transfer function of the circuit is

R1
sC
R1
R2
t
1
1
indicating a zero at

t
t
C
R2
R1
R2R1C
R1
R2
s
/
2
1
Depending on the value of R1 and R2, the cutoff frequency of
the closed-loop gain can be well below the crossover frequency.
In this case, the phase margin (ΦM) can be severely degraded,
resulting in excessive ringing or even oscillation.
A simple way to overcome this problem is to insert a capacitor
in the feedback path, as shown in Figure 60.
The resulting pole can be positioned to adjust the phase
margin.
Setting Cf = (R1/R2) Ct achieves a phase margin of 90°.
R2
R1
V1
+
–
OP1177
2
3
VOUT
Ct
6
7
4
V+
V–
Figure 59. Stray Input Capacitance
R2
R1
V1
+
–
OP1177
2
3
VOUT
Ct
Cf
6
7
4
V+
V–
Figure 60. Compensation Using Feedback Capacitor
REDUCING ELECTROMAGNETIC INTERFERENCE
A number of methods can be utilized to reduce the effects of
EMI on amplifier circuits.
In one method, stray signals on either input are coupled to the
opposite input of the amplifier. The result is that the signal is
rejected according to the CMRR of the amplifier.
This is usually achieved by inserting a capacitor between the inputs
of the amplifier, as shown in Figure 61. However, this method can
also cause instability, depending on the value of capacitance.
R2
R1
V1
+
–
OP1177
2
3
VOUT
C
6
7
4
V+
V–
Figure 61. EMI Reduction
Placing a resistor in series with the capacitor (see Figure 62)
increases the dc loop gain and reduces the output error.
Positioning the breakpoint (introduced by R-C) below the
secondary pole of the operational amplifier improves the phase
margin and, therefore, stability.
R can be chosen independently of C for a specific phase margin
according to the formula

 
R1
R2
jf
a
R2
R
2
1
where:
a is the open-loop gain of the amplifier.
f2 is the frequency at which the phase of a = ΦM − 180°.
OP1177
2
3
R
C
R1
R2
VOUT
V1
+
–
6
7
4
V+
V–
Figure 62. Compensation Using Input R-C Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com